Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 1 Page - Texas Instruments

  LP38859 Datasheet HTML 1Page - Texas Instruments LP38859 Datasheet HTML 2Page - Texas Instruments LP38859 Datasheet HTML 3Page - Texas Instruments LP38859 Datasheet HTML 4Page - Texas Instruments LP38859 Datasheet HTML 5Page - Texas Instruments LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SS
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 2F Ceramic
COUT
10 2F
Ceramic
CBIAS
1 2F
GND
GND
LP38859-x.x
CSS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP38859
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
LP38859 3-A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
1 Features
3 Description
The
LP38859
is
a
high-current,
fast-response
1
•
Input Voltage: 1.1 V to 5.5 V
regulator
which
can
maintain
output
voltage
•
Wide VBIAS Supply Operating Range: 3 V to 5.5 V
regulation with extremely low input to output voltage
•
Standard VOUT Values: 0.8 V and 1.2 V
drop. Fabricated on a CMOS process, the device
operates from two input voltages: VBIAS provides
•
Stable With 10-µF Ceramic Capacitors
voltage to drive the gate of the N-MOS power
•
Dropout Voltage of 240 mV (typical) at 3-A Load
transistor, while VIN is the input voltage which
Current
supplies power to the load. The use of an external
•
Programmable Soft-Start Time
bias rail allows the part to operate from ultra-low VIN
voltages.
Unlike
bipolar
regulators,
the
CMOS
•
Precision Output Voltage Across All Line and
architecture
consumes
extremely
low
quiescent
Load Conditions:
current at any output load current. The use of an N-
–
±1% VOUT for TJ = 25°C
MOS power transistor results in wide bandwidth, yet
–
±2% VOUT for 0°C ≤ TJ ≤ +125°C
minimum external capacitance is required to maintain
loop stability.
–
±3% VOUT for –40°C ≤ TJ ≤ +125°C
•
Overtemperature and Overcurrent Protection
The fast transient response of this device makes it
suitable for use in powering DSP microcontroller core
•
Operating Temperature Range:
−40°C to +125°C
voltages
and
switch-mode
power-supply
post-
regulators. The LP38859 is available in 5-pin TO-220
2 Applications
and DDPAK/TO-263 packages.
•
ASIC Power Supplies In:
Device Information(1)
–
Desktops, Notebooks, Graphics Cards, and
PART
Servers
PACKAGE
BODY SIZE (NOM)
NUMBER
–
Gaming Set Top Boxes, Printers, and Copiers
DDPAK/TO-263 (5)
10.16 mm × 8.42 mm
LP38859
•
Server Core and I/O Supplies
TO-220 (5)
14.986 mm × 10.16 mm
•
DSP and FPGA Power Supplies
(1) For all available packages, see the orderable addendum at
•
SMPS Post-Regulator
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP38859

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38859 TI1-LP38859 Datasheet
2Mb / 21P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
National Semiconductor ...
LP38859S-0.8 NSC-LP38859S-0.8 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38859S-1.2 NSC-LP38859S-1.2 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38859SX-0.8 NSC-LP38859SX-0.8 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
More results

Similar Description - LP38859

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38853 TI-LP38853 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI1-LP38859_14 Datasheet
2Mb / 21P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com