Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments LP38859 Datasheet HTML 14Page - Texas Instruments LP38859 Datasheet HTML 15Page - Texas Instruments LP38859 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LP38859
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
Because VREF appears on the SS pin, any leakage through CSS causes VREF to fall, and thus affect VOUT. A
leakage of 50 nA (about 10 M
Ω) through CSS causes VOUT to be approximately 0.1% lower than nominal, while a
leakage of 500 nA (about 1 M
Ω) causes VOUT to be approximately 1% lower than nominal. Typical ceramic
capacitors have a factor of 10× difference in leakage between 25°C and 85°C, so the maximum ambient
temperature must be included in the capacitor selection process.
Typical CSS values are in the range of 1 nF to 100 nF, providing typical soft-start times in the range of 70 μs to 7
ms (5
τ). Values less than 1 nF can be used, but the soft-start effect is minimal. Values larger than 100 nF
provide soft start, but may not be fully discharged if VBIAS falls from the UVLO threshold to less than 500 mV in
less than 100 µs.
Figure 19 shows the relationship between the COUT value and a typical CSS value.
Figure 19. Typical CSS vs COUT Values
The CSS capacitor must be connected to a clean ground path back to the device ground pin. No components,
other than CSS, should be connected to the SS pin, as there could be adverse effects to VOUT.
If the soft-start function is not needed, the SS pin must be left open, although some minimal capacitance value is
always recommended.
7.4 Device Functional Modes
7.4.1 Operation with 3 V
≤ VBIAS ≤ 5.5 V, VOUT(TARGET)+ 0.3 V ≤ VIN ≤ VBIAS
The device operates if the bias voltage is equal to, or exceeds, 3 V, and input voltage is equal to, or exceeds,
VOUT(TARGET) + 0.3 V. At bias voltages below the minimum VBIAS requirement, the device does not operate
correctly, and output voltage may not reach target value.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com