Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 6Page - Texas Instruments LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments LP38859 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
GND
OUT
IN
BIAS
SS
Undervoltage
Lockout
Thermal
Shutdown
VREF
0.6 V
ILIMIT
LP38859-x.x
rSS
LP38859
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP38559 is a fast-response, high-current, low-dropout regulator, available in output voltages are 0.8 V and
1.2 V. This part is capable of delivering 3-A continuous load current. Standard regulator features, such as
overcurrent and over temperature protection, are also included. The LP38559 contains several features:
•
Low dropout voltage, typical 240 mV at 3-A load.
•
The bias voltage(VBIAS) provides voltage to drive the gate of the N-MOS power transistor.
•
The input voltage(VIN) is the input voltage which supplies power to the load.
•
Programmable soft-start time.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input Voltage
The input voltage (VIN) is the high current external voltage rail that is regulated down to a lower voltage, which is
applied to the load. The input voltage must be at least VOUT + VDO, and no higher than whatever values is used
for VBIAS.
7.3.2 Bias Voltage
The bias voltage (VBIAS) is a low current external voltage rail required to bias the control circuitry and provide
gate drive for the N-FET pass transistor. The bias voltage must be in the range of 3 V to 5.5 V to ensure proper
operation of the device.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com