Electronic Components Datasheet Search
  English  ▼

X  

LP38859 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38859 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 7Page - Texas Instruments LP38859 Datasheet HTML 8Page - Texas Instruments LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments LP38859 Datasheet HTML 14Page - Texas Instruments LP38859 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LP38859
www.ti.com
SNVS337F – JUNE 2006 – REVISED SEPTEMBER 2015
Feature Description (continued)
7.3.3 Undervoltage Lockout
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the undervoltage lockout (UVLO) threshold of approximately 2.45 V.
As the bias voltage rises above the UVLO threshold the device control circuitry becomes active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the minimum operating rating value of 3 V, the device
is functional, but the operating parameters are not within the specified limits.
7.3.4 Supply Sequencing
There is no requirement for the order that VIN or VBIAS are applied or removed.
One practical limitation is that the soft-start circuit starts charging CSS when VBIAS rises above the UVLO
threshold. If the application of VIN is delayed beyond this point the benefits of soft start are compromised.
In any case, the output voltage cannot be specified until both VIN and VBIAS are within the range of specified
operating values.
If used in a dual-supply system where the regulator output load is returned to a negative supply, the output pin
must be diode clamped to ground. A Schottky diode is recommended for this diode clamp.
7.3.5 Reverse Voltage
A reverse voltage condition exists when the voltage at the output pin is higher than the voltage at the input pin.
Typically this happens when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed.
The NMOS pass element, by design, contains no body diode. This means that, as long as the gate of the pass
element is not driven, there is no reverse current flow through the pass element during a reverse voltage event.
The gate of the pass element is not driven when VBIAS is below the UVLO threshold.
When VBIAS is above the UVLO threshold, the control circuitry is active and attempts to regulate the output
voltage. Because the input voltage is less than the output voltage the control circuit drives the gate of the pass
element to the full VBIAS potential when the output voltage begins to fall. In this condition, reverse current flows
from the OUT pin to the IN pin , limited only by the RDS(ON) of the pass element and the output to input voltage
differential. This condition is outside the specified operating range and must be avoided.
7.3.6 Soft-Start
The LP38859 incorporates a soft-start function that reduces the start-up current surge into the output capacitor
(COUT) by allowing VOUT to rise slowly to the final value. This is accomplished by controlling VREF at the SS pin.
The soft-start timing capacitor (CSS) is internally held to ground until VBIAS rises above the UVLO threshold.
VREF rises at an RC rate defined by the internal resistance of the SS pin (rSS), and the external capacitor
connected to the SS pin. This allows the output voltage to rise in a controlled manner until steady-state
regulation is achieved. Typically, five time constants are recommended to assure that the output voltage is
sufficiently close to the final steady-state value. During the soft-start time the output current can rise to the built-in
current limit.
Soft-Start Time = CSS × rSS × 5
(1)
Because the VOUT rise is exponential, not linear, the in-rush current peaks during the first time constant (τ), and
VOUT requires four additional time constants (4τ) to reach the final value (5τ) .
After achieving normal operation, if VBIAS falsl below the ULVO threshold, the device output is disabled, and the
soft-start capacitor (CSS) discharge circuit becomes active. The CSS discharge circuit remains active until VBIAS
falls to 500 mV (typical). When VBIAS falls below 500 mV (typical), the CSS discharge circuit ceases to function
due to a lack of sufficient biasing to the control circuitry.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com