Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 5 Page - Texas Instruments

  LM2585 Datasheet HTML 1Page - Texas Instruments LM2585 Datasheet HTML 2Page - Texas Instruments LM2585 Datasheet HTML 3Page - Texas Instruments LM2585 Datasheet HTML 4Page - Texas Instruments LM2585 Datasheet HTML 5Page - Texas Instruments LM2585 Datasheet HTML 6Page - Texas Instruments LM2585 Datasheet HTML 7Page - Texas Instruments LM2585 Datasheet HTML 8Page - Texas Instruments LM2585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
Electrical Characteristics (All Versions)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
COMMON DEVICE PARAMETERS for all versions (1)
IS
Input Supply Current
(Switch Off)(2)
11
15.5/16.5
mA
ISWITCH = 1.8A
50
100/115
mA
VUV
Input Supply
RLOAD = 100Ω
3.30
3.05
3.75
V
Undervoltage Lockout
fO
Oscillator Frequency
Measured at Switch Pin
RLOAD = 100Ω
100
85/75
115/125
kHz
VCOMP = 1.0V
fSC
Short-Circuit
Measured at Switch Pin
Frequency
RLOAD = 100Ω
25
kHz
VFEEDBACK = 1.15V
VEAO
Error Amplifier
Upper Limit(3)
2.8
2.6/2.4
V
Output Swing
Lower Limit(2)
0.25
0.40/0.55
V
IEAO
Error Amp
See (4)
165
110/70
260/320
μA
Output Current
(Source or Sink)
ISS
Soft Start Current
VFEEDBACK = 0.92V
11.0
8.0/7.0
17.0/19.0
μA
VCOMP = 1.0V
D
Maximum Duty
RLOAD = 100Ω
(3)
98
93/90
%
Cycle
IL
Switch Leakage
Switch Off
15
300/600
μA
Current
VSWITCH = 60V
VSUS
Switch Sustaining
dV/dT = 1.5V/ns
65
V
Voltage
VSAT
Switch Saturation
ISWITCH = 3.0A
0.45
0.65/0.9
V
Voltage
ICL
NPN Switch
4.0
3.0
7.0
A
Current Limit
θJA
Thermal Resistance
TO-220 Package, Junction to
65
Ambient(5)
θJA
TO-220 Package, Junction to
45
Ambient(6)
θJC
TO-220 Package, Junction to
2
Case
θJA
DDPAK/TO-263 Package,
56
°C/W
Junction to Ambient(7)
θJA
DDPAK/TO-263 Package,
35
Junction to Ambient(8)
(1)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(2)
To measure this parameter, the feedback voltage is set to a high value, depending on the output version of the device, to force the error
amplifier output low. Adj: VFB = 1.41V; 3.3V: VFB = 3.80V; 5.0V: VFB = 5.75V; 12V: VFB = 13.80V.
(3)
To measure this parameter, the feedback voltage is set to a low value, depending on the output version of the device, to force the error
amplifier output high. Adj: VFB = 1.05V; 3.3V: VFB = 2.81V; 5.0V: VFB = 4.25V; 12V: VFB = 10.20V.
(4)
To measure the worst-case error amplifier output current, the LM2585 is tested with the feedback voltage set to its low value (specified
in Tablenote 3) and at its high value (specified in Tablenote 2).
(5)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(6)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PC board containing approximately 4 square inches of (1oz.) copper area surrounding the leads.
(7)
Junction to ambient thermal resistance for the 5 lead TO-263 mounted horizontally against a PC board area of 0.136 square inches (the
same size as the DDPAK/TO-263 package) of 1 oz. (0.0014 in. thick) copper.
(8)
Junction to ambient thermal resistance for the 5 lead TO-263 mounted horizontally against a PC board area of 0.4896 square inches
(3.6 times the area of the DDPAK/TO-263 package) of 1 oz. (0.0014 in. thick) copper.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com