Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 6Page - Texas Instruments LM2585 Datasheet HTML 7Page - Texas Instruments LM2585 Datasheet HTML 8Page - Texas Instruments LM2585 Datasheet HTML 9Page - Texas Instruments LM2585 Datasheet HTML 10Page - Texas Instruments LM2585 Datasheet HTML 11Page - Texas Instruments LM2585 Datasheet HTML 12Page - Texas Instruments LM2585 Datasheet HTML 13Page - Texas Instruments LM2585 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Test Circuits
CIN1—100 μF, 25V Aluminum Electrolytic
CIN2—0.1 μF Ceramic
T—22
μH, 1:1 Schott #67141450
D—1N5820
COUT—680 μF, 16V Aluminum Electrolytic
CC—0.47 μF Ceramic
RC—2k
Figure 19. LM2585-3.3 and LM2585-5.0
CIN1—100 μF, 25V Aluminum Electrolytic
CIN2—0.1 μF Ceramic
L—15
μH, Renco #RL-5472-5
D—1N5820
COUT—680 μF, 16V Aluminum Electrolytic
CC—0.47 μF Ceramic
RC—2k
For 12V Devices: R1 = Short (0Ω) and R2 = Open
For ADJ Devices: R1 = 48.75k, ±0.1% and R2 = 5.62k, ±1%
Figure 20. LM2585-12 and LM2585-ADJ
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com