Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 22Page - Texas Instruments LM2585 Datasheet HTML 23Page - Texas Instruments LM2585 Datasheet HTML 24Page - Texas Instruments LM2585 Datasheet HTML 25Page - Texas Instruments LM2585 Datasheet HTML 26Page - Texas Instruments LM2585 Datasheet HTML 27Page - Texas Instruments LM2585 Datasheet HTML 28Page - Texas Instruments LM2585 Datasheet HTML 29Page - Texas Instruments LM2585 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2585S-12/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-12 P+
LM2585S-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-3.3 P+
LM2585S-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-5.0 P+
LM2585S-ADJ
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LM2585S
-ADJ P+
LM2585S-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-ADJ P+
LM2585SX-12/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-12 P+
LM2585SX-5.0
NRND
DDPAK/
TO-263
KTT
5
500
TBD
Call TI
Call TI
-40 to 125
LM2585S
-5.0 P+
LM2585SX-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-5.0 P+
LM2585SX-ADJ
NRND
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
-40 to 125
LM2585S
-ADJ P+
LM2585SX-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2585S
-ADJ P+
LM2585T-12/NOPB
ACTIVE
TO-220
NDH
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2585T
-12 P+
LM2585T-3.3/NOPB
ACTIVE
TO-220
NDH
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2585T
-3.3 P+
LM2585T-5.0/NOPB
ACTIVE
TO-220
NDH
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2585T
-5.0 P+
LM2585T-ADJ
NRND
TO-220
NDH
5
45
TBD
Call TI
Call TI
-40 to 125
LM2585T
-ADJ P+
LM2585T-ADJ/NOPB
ACTIVE
TO-220
NDH
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2585T
-ADJ P+
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com