Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 16Page - Texas Instruments LM2585 Datasheet HTML 17Page - Texas Instruments LM2585 Datasheet HTML 18Page - Texas Instruments LM2585 Datasheet HTML 19Page - Texas Instruments LM2585 Datasheet HTML 20Page - Texas Instruments LM2585 Datasheet HTML 21Page - Texas Instruments LM2585 Datasheet HTML 22Page - Texas Instruments LM2585 Datasheet HTML 23Page - Texas Instruments LM2585 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
*The LM2585 will require a heat sink in these applications. The size of the heat sink will depend on the maximum
ambient temperature. To calculate the thermal resistance of the IC and the size of the heat sink needed, the “HEAT
SINK/THERMAL CONSIDERATIONS” in the Application Hints.
Figure 51. +24V to +48V Boost Regulator
Application Hints
Figure 52. Boost Regulator
PROGRAMMING OUTPUT VOLTAGE
(SELECTING R1 AND R2)
Referring to the adjustable regulator in Figure 52, the output voltage is programmed by the resistors R1 and R2
by the following formula:
VOUT = VREF (1 + R1/R2)
where
•
VREF = 1.23V
(1)
Resistors R1 and R2 divide the output voltage down so that it can be compared with the 1.23V internal reference.
With R2 between 1k and 5k, R1 is:
R1 = R2 (VOUT/VREF − 1)
where
•
VREF = 1.23V
(2)
For best temperature coefficient and stability with time, use 1% metal film resistors.
SHORT CIRCUIT CONDITION
Due to the inherent nature of boost regulators, when the output is shorted (Figure 52), current flows directly from
the input, through the inductor and the diode, to the output, bypassing the switch. The current limit of the switch
does not limit the output current for the entire circuit. To protect the load and prevent damage to the switch, the
current must be externally limited, either by the input supply or at the output with an external current limit circuit.
The external limit should be set to the maximum switch current of the device, which is 3A.
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com