Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 18Page - Texas Instruments LM2585 Datasheet HTML 19Page - Texas Instruments LM2585 Datasheet HTML 20Page - Texas Instruments LM2585 Datasheet HTML 21Page - Texas Instruments LM2585 Datasheet HTML 22Page - Texas Instruments LM2585 Datasheet HTML 23Page - Texas Instruments LM2585 Datasheet HTML 24Page - Texas Instruments LM2585 Datasheet HTML 25Page - Texas Instruments LM2585 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
If poor circuit layout techniques are used (see CIRCUIT LAYOUT GUIDELINES), negative voltage transients may
appear on the Switch pin (pin 4). Applying a negative voltage (with respect to the IC's ground) to any monolithic
IC pin causes erratic and unpredictable operation of that IC. This holds true for the LM2585 IC as well. When
used in a flyback regulator, the voltage at the Switch pin (pin 4) can go negative when the switch turns on. The
“ringing” voltage at the switch pin is caused by the output diode capacitance and the transformer leakage
inductance forming a resonant circuit at the secondary(ies). The resonant circuit generates the “ringing” voltage,
which gets reflected back through the transformer to the switch pin. There are two common methods to avoid this
problem. One is to add an RC snubber around the output rectifier(s), as in Figure 53. The values of the resistor
and the capacitor must be chosen so that the voltage at the Switch pin does not drop below
−0.4V. The resistor
may range in value between 10
Ω and 1 kΩ, and the capacitor will vary from 0.001 μF to 0.1 μF. Adding a
snubber will (slightly) reduce the efficiency of the overall circuit.
The other method to reduce or eliminate the “ringing” is to insert a Schottky diode clamp between pins 4 and 3
(ground), also shown in Figure 53. This prevents the voltage at pin 4 from dropping below
−0.4V. The reverse
voltage rating of the diode must be greater than the switch off voltage.
OUTPUT VOLTAGE LIMITATIONS
The maximum output voltage of a boost regulator is the maximum switch voltage minus a diode drop. In a
flyback regulator, the maximum output voltage is determined by the turns ratio, N, and the duty cycle, D, by the
equation:
VOUT ≈ N × VIN × D/(1 − D)
(4)
The duty cycle of a flyback regulator is determined by the following equation:
(5)
Theoretically, the maximum output voltage can be as large as desired—just keep increasing the turns ratio of the
transformer. However, there exists some physical limitations that prevent the turns ratio, and thus the output
voltage, from increasing to infinity. The physical limitations are capacitances and inductances in the LM2585
switch, the output diode(s), and the transformer—such as reverse recovery time of the output diode (mentioned
above).
Figure 54. Input Line Filter
NOISY INPUT LINE CONDITION
A small, low-pass RC filter should be used at the input pin of the LM2585 if the input voltage has an unusual
large amount of transient noise, such as with an input switch that bounces. The circuit in Figure 54 demonstrates
the layout of the filter, with the capacitor placed from the input pin to ground and the resistor placed between the
input supply and the input pin. Note that the values of RIN and CIN shown in the schematic are good enough for
most applications, but some readjusting might be required for a particular application. If efficiency is a major
concern, replace the resistor with a small inductor (say 10
μH and rated at 100 mA).
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com