Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 20Page - Texas Instruments LM2585 Datasheet HTML 21Page - Texas Instruments LM2585 Datasheet HTML 22Page - Texas Instruments LM2585 Datasheet HTML 23Page - Texas Instruments LM2585 Datasheet HTML 24Page - Texas Instruments LM2585 Datasheet HTML 25Page - Texas Instruments LM2585 Datasheet HTML 26Page - Texas Instruments LM2585 Datasheet HTML 27Page - Texas Instruments LM2585 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
•
N is the transformer turns ratio
•
D is the duty cycle
•
ILOAD is the maximum load current (and ∑ILOAD is the sum of the maximum load currents for multiple-output
flyback regulators)
(7)
The duty cycle is given by:
where
•
VF is the forward biased voltage of the diode and is typically 0.5V for Schottky diodes and 0.8V for fast
recovery diodes
•
VSAT is the switch saturation voltage and can be found in the Characteristic Curves
(8)
When no heat sink is used, the junction temperature rise is:
ΔTJ = PD × θJA.
(9)
Adding the junction temperature rise to the maximum ambient temperature gives the actual operating junction
temperature:
TJ = ΔTJ + TA.
(10)
If the operating junction temperature exceeds the maximum junction temperatue in item 3 above, then a heat
sink is required. When using a heat sink, the junction temperature rise can be determined by the following:
ΔTJ = PD × (θJC + θInterface + θHeat Sink)
(11)
Again, the operating junction temperature will be:
TJ = ΔTJ + TA
(12)
As before, if the maximum junction temperature is exceeded, a larger heat sink is required (one that has a lower
thermal resistance).
Included in the Switchers Made Simple design software is a more precise (non-linear) thermal model that can
be used to determine junction temperature with different input-output parameters or different component values.
It can also calculate the heat sink thermal resistance required to maintain the regulator junction temperature
below the maximum operating temperature.
To further simplify the flyback regulator design procedure, Texas Instruments is making available computer
design software to be used with the Simple Switcher line of switching regulators. Switchers Made Simple
available on a 3½″ diskette for IBM compatible computers from a Texas Instruments sales office in your area or
the Texas Instruments Customer Response Center ((800) 477-8924).
24
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com