Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 14Page - Texas Instruments LM2585 Datasheet HTML 15Page - Texas Instruments LM2585 Datasheet HTML 16Page - Texas Instruments LM2585 Datasheet HTML 17Page - Texas Instruments LM2585 Datasheet HTML 18Page - Texas Instruments LM2585 Datasheet HTML 19Page - Texas Instruments LM2585 Datasheet HTML 20Page - Texas Instruments LM2585 Datasheet HTML 21Page - Texas Instruments LM2585 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Step-Up (Boost) Regulator Operation
Figure 45 shows the LM2585 used as a step-up (boost) regulator. This is a switching regulator that produces an
output voltage greater than the input supply voltage.
A brief explanation of how the LM2585 Boost Regulator works is as follows (refer to Figure 45). When the NPN
switch turns on, the inductor current ramps up at the rate of VIN/L, storing energy in the inductor. When the
switch turns off, the lower end of the inductor flies above VIN, discharging its current through diode (D) into the
output capacitor (COUT) at a rate of (VOUT − VIN)/L. Thus, energy stored in the inductor during the switch on time
is transferred to the output during the switch off time. The output voltage is controlled by adjusting the peak
switch current, as described in Flyback Regulator.
Figure 45. 12V Boost Regulator
By adding a small number of external components (as shown in Figure 45), the LM2585 can be used to produce
a regulated output voltage that is greater than the applied input voltage. The switching waveforms observed
during the operation of this circuit are shown in Figure 46. Typical performance of this regulator is shown in
Figure 47.
A: Switch Voltage, 10 V/div
B: Switch Current, 2 A/div
C: Inductor Current, 2 A/div
D: Output Ripple Voltage,
100 mV/div, AC-Coupled
Horizontal: 2
μs/div
Figure 46. Switching Waveforms
Figure 47. VOUT Response to Load Current Step
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com