Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 11Page - Texas Instruments LM2585 Datasheet HTML 12Page - Texas Instruments LM2585 Datasheet HTML 13Page - Texas Instruments LM2585 Datasheet HTML 14Page - Texas Instruments LM2585 Datasheet HTML 15Page - Texas Instruments LM2585 Datasheet HTML 16Page - Texas Instruments LM2585 Datasheet HTML 17Page - Texas Instruments LM2585 Datasheet HTML 18Page - Texas Instruments LM2585 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
TRANSFORMER SELECTION (T)
Table 1 lists the standard transformers available for flyback regulator applications. Included in the table are the
turns ratio(s) for each transformer, as well as the output voltages, input voltage ranges, and the maximum load
currents for each circuit.
Table 1. Transformer Selection Table
Applications
Figure 24
Figure 25
Figure 26
Figure 27
Figure 28
Figure 29
Transformers
T7
T7
T7
T6
T6
T5
VIN
4V–6V
4V–6V
8V–16V
4V–6V
18V–36V
18V–36V
VOUT1
3.3V
5V
12V
12V
12V
5V
IOUT1 (Max)
1.4A
1A
0.8A
0.15A
0.6A
1.8A
N1
1
1
1
1.2
1.2
0.5
VOUT2
−12V
−12V
12V
IOUT2 (Max)
0.15A
0.6A
0.25A
N2
1.2
1.2
1.15
VOUT3
−12V
IOUT3 (Max)
0.25A
N3
1.15
Table 2. Transformer Manufacturer Guide
Manufacturers' Part Numbers
Transform
Coilcraft
Pulse
Coilcraft
Pulse
Renco
Schott
er Type
(1)
(2)
(1)
(2)
(3)
(4)
Surface Mount
Surface Mount
T5
Q4338-B
Q4437-B
PE-68413
—
RL-5532
67140890
T6
Q4339-B
Q4438-B
PE-68414
—
RL-5533
67140900
T7
S6000-A
S6057-A
—
PE-68482
RL-5751
26606
(1)
Coilcraft Inc. Phone: (800) 322-2645 www.coilcraft.com
(2)
Pulse Engineering Inc. Phone: (619) 674-8100 www.digikey.com
(3)
Renco Electronics Inc. Phone: (800) 645-5828 www.cdiweb.com/renco
(4)
Schott Corp. Phone: (612) 475-1173 www.schottcorp.com/
TRANSFORMER FOOTPRINTS
Figure 30 through Figure 44 show the footprints of each transformer, listed in Table 1.
T7
T6
Figure 30. Coilcraft S6000-A
Figure 31. Coilcraft Q4339-B
(Top View)
(Top View)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com