Electronic Components Datasheet Search
  English  ▼

X  

LM2585 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 1 Page - Texas Instruments

  LM2585 Datasheet HTML 1Page - Texas Instruments LM2585 Datasheet HTML 2Page - Texas Instruments LM2585 Datasheet HTML 3Page - Texas Instruments LM2585 Datasheet HTML 4Page - Texas Instruments LM2585 Datasheet HTML 5Page - Texas Instruments LM2585 Datasheet HTML 6Page - Texas Instruments LM2585 Datasheet HTML 7Page - Texas Instruments LM2585 Datasheet HTML 8Page - Texas Instruments LM2585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
LM2585 SIMPLE SWITCHER® 3A Flyback Regulator
Check for Samples: LM2585
1
FEATURES
DESCRIPTION
The LM2585 series of regulators are monolithic
234
•
Requires Few External Components
integrated circuits specifically designed for flyback,
•
Family of Standard Inductors and
step-up (boost), and forward converter applications.
Transformers
The device is available in 4 different output voltage
•
NPN Output Switches 3.0A, Can Stand Off 65V
versions: 3.3V, 5.0V, 12V, and adjustable.
•
Wide Input Voltage Range: 4V to 40V
Requiring
a
minimum
number
of
external
components, these regulators are cost effective, and
•
Current-mode Operation for Improved
simple to use. Included in the datasheet are typical
Transient Response, Line Regulation, and
circuits of boost and flyback regulators. Also listed
Current Limit
are selector guides for diodes and capacitors and a
•
100 kHz Switching Frequency
family of standard inductors and flyback transformers
•
Internal Soft-start Function Reduces In-rush
designed to work with these switching regulators.
Current During Start-up
The power switch is a 3.0A NPN device that can
•
Output Transistor Protected by Current Limit,
stand-off 65V. Protecting the power switch are current
Under Voltage Lockout, and Thermal
and thermal limiting circuits, and an undervoltage
Shutdown
lockout circuit. This IC contains a 100 kHz fixed-
frequency internal oscillator that permits the use of
•
System Output Voltage Tolerance of ±4% Max
small magnetics. Other features include soft start
Over Line and Load Conditions
mode to reduce in-rush current during start up,
current mode control for improved rejection of input
TYPICAL APPLICATIONS
voltage and output load transients and cycle-by-cycle
•
Flyback Regulator
current limiting. An output voltage tolerance of ±4%,
within specified input voltages and output load
•
Multiple-output Regulator
conditions, is specified for the power supply system.
•
Simple Boost Regulator
•
Forward Converter
Connection Diagrams
Figure 3. Bent, Staggered Leads
5-Lead TO-220
Side View
Figure 1. Bent, Staggered Leads
See NDH005D Package
5-Lead TO-220
Top View
See NDH005D Package
Figure 4. 5-Lead DDPAK/TO-263
Side View
See KTT Package
Figure 2. 5-Lead DDPAK/TO-263
Top View
See KTT Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Switchers Made Simple is a trademark of Texas Instruments.
3
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2585 NSC-LM2585 Datasheet
983Kb / 28P
SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
983Kb / 28P
SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
More results

Similar Description - LM2585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
SIMPLE SWITCHER짰 3A Flyback Regulator
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com