Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 8 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 8 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 4Page - Micron Technology MT4C4M4AX Datasheet HTML 5Page - Micron Technology MT4C4M4AX Datasheet HTML 6Page - Micron Technology MT4C4M4AX Datasheet HTML 7Page - Micron Technology MT4C4M4AX Datasheet HTML 8Page - Micron Technology MT4C4M4AX Datasheet HTML 9Page - Micron Technology MT4C4M4AX Datasheet HTML 10Page - Micron Technology MT4C4M4AX Datasheet HTML 11Page - Micron Technology MT4C4M4AX Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
NOTES
1.
All voltages referenced to VSS.
2.
This parameter is sampled. VCC = +3.3V or 5.0V;
f = 1 MHz.
3.
ICC is dependent on output loading and cycle
rates. Specified values are obtained with
minimum cycle time and the outputs open.
4.
Enables on-chip refresh and address counters.
5.
The minimum specifications are used only to
indicate cycle time at which proper operation
over the full temperature range is ensured.
6.
An initial pause of 100µs is required after power-
up, followed by eight RAS# refresh cycles (RAS#-
ONLY or CBR with WE# HIGH), before proper
device operation is ensured. The eight RAS# cycle
wake-ups should be repeated any time the tREF
refresh requirement is exceeded.
7.
AC characteristics assume tT = 5ns.
8.
VIH (MIN) and VIL (MAX) are reference levels for
measuring timing of input signals. Transition
times are measured between VIH and VIL (or
between VIL and VIH).
9.
In addition to meeting the transition rate
specification, all input signals must transit
between VIH and VIL (or between VIL and VIH) in
a monotonic manner.
10. If CAS# = VIH, data output is High-Z.
11. If CAS# = VIL, data output may contain data
from the last valid READ cycle.
12. Measured with a load equivalent to two TTL
gates, 100pF and VOL = 0.8V and VOH = 2V.
13. If CAS# is LOW at the falling edge of RAS#, Q
will be maintained from the previous cycle. To
initiate a new cycle and clear the data-out
buffer, CAS# must be pulsed HIGH for tCP.
14. The tRCD (MAX) limit is no longer specified.
tRCD (MAX) was specified as a reference point
only. If tRCD was greater than the specified
tRCD (MAX) limit, then access time was con-
trolled exclusively by tCAC (tRAC [MIN] no
longer applied). With or without the tRCD limit,
tAA and tCAC must always be met.
15. The tRAD (MAX) limit is no longer specified.
tRAD (MAX) was specified as a reference point
only. If tRAD was greater than the specified
tRAD (MAX) limit, then access time was con-
trolled exclusively by tAA (tRAC and tCAC no
longer applied). With or without the tRAD
(MAX) limit, tAA, tRAC, and tCAC must always
be met.
16. Either tRCH or tRRH must be satisfied for a READ
cycle.
17. tOFF (MAX) defines the time at which the
output achieves the open circuit condition and
is not referenced to VOH or VOL.
18. tWCS, tRWD, tAWD, and tCWD are not
restrictive operating parameters. tWCS applies to
EARLY WRITE cycles. tRWD, tAWD, and tCWD
apply to READ-MODIFY-WRITE cycles. If tWCS
tWCS (MIN), the cycle is an EARLY WRITE
cycle and the data output will remain an open
circuit throughout the entire cycle. If tRWD
³
tRWD (MIN), tAWD
³ tAWD (MIN), and tCWD
³ tCWD (MIN), the cycle is a READ-MODIFY-
WRITE and the data output will contain data
read from the selected cell. If neither of the
above conditions is met, the state of data-out is
indeterminate. OE# held HIGH and WE# taken
LOW after CAS# goes LOW result in a LATE
WRITE (OE#-controlled) cycle. tWCS, tRWD,
tCWD, and tAWD are not applicable in a LATE
WRITE cycle.
19. These parameters are referenced to CAS# leading
edge in EARLY WRITE cycles and WE# leading
edge in LATE WRITE or READ-MODIFY-WRITE
cycles.
20. If OE# is tied permanently LOW, LATE WRITE,
or READ-MODIFY-WRITE operations are not
permissible and should not be attempted.
21. A HIDDEN REFRESH may also be performed
after a WRITE cycle. In this case, WE# = LOW
and OE# = HIGH.
22. The 3ns minimum is a parameter guaranteed by
design.
23. Column address changed once each cycle.
24. VIH overshoot: VIH (MAX) = VCC + 2V for a pulse
width
£ 10ns, and the pulse width cannot be
greater than one third of the cycle rate. VIL
undershoot: VIL (MIN) = -2V for a pulse width
£
10ns, and the pu lse width cannot be greater
than one third of the cycle rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com