Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 5 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 5 Page - Micron Technology

  MT4C4M4AX Datasheet HTML 1Page - Micron Technology MT4C4M4AX Datasheet HTML 2Page - Micron Technology MT4C4M4AX Datasheet HTML 3Page - Micron Technology MT4C4M4AX Datasheet HTML 4Page - Micron Technology MT4C4M4AX Datasheet HTML 5Page - Micron Technology MT4C4M4AX Datasheet HTML 6Page - Micron Technology MT4C4M4AX Datasheet HTML 7Page - Micron Technology MT4C4M4AX Datasheet HTML 8Page - Micron Technology MT4C4M4AX Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
ICC OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 2, 3, 5, 6) [Vcc (MIN)
£ Vcc £ Vcc (MAX)]
3.3V
5V
2K
4K
2K
4K
PARAMETER/CONDITION
SYM SPEED REFRESH REFRESH REFRESH REFRESH UNITS NOTES
STANDBYCURRENT:TTL
ICC1
ALL
1111
mA
(RAS# = CAS# = VIH)
STANDBYCURRENT:CMOS(non-“S”versiononly)
ICC2
ALL
500
500
500
500
mA
(RAS# = CAS# = other inputs = VCC - 0.2V)
STANDBY CURRENT: CMOS (“S” version only)
ICC2
ALL
150
150
150
150
µA
(RAS# = CAS# = other inputs = VCC - 0.2V)
OPERATINGCURRENT:RandomREAD/WRITE
-5
110
90
140
120
Average power supply current
ICC3
-6
100
80
130
110
mA
23
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
OPERATINGCURRENT:FASTPAGEMODE
-5
110
100
110
100
Average power supply current
ICC4
-6
100
90
100
90
mA
23
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
REFRESHCURRENT:RAS#-ONLY
-5
110
90
140
120
Average power supply current
ICC5
-6
100
80
130
110
mA
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
REFRESHCURRENT:CBR
-5
110
90
140
120
Average power supply current
ICC6
-6
100
80
130
110
mA
4, 7
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
REFRESH CURRENT: Extended (“S” version only)
ALL
300
300
300
300
µA
4, 7
Average power supply current: CAS# = 0.2V or
ICC7
CBR cycling; RAS# = tRAS (MIN); WE# = VCC - 0.2V;
A0-A11, OE# and DIN = VCC - 0.2V or 0.2V
tRC
62.5
31.25
62.5
31.25
µs
23
(DIN may be left open)
REFRESH CURRENT: Self (“S” version only)
Average power supply current: CBR with
ICC8
ALL
300
300
300
300
µA
4, 7
RAS#
tRASS(MIN)andCAS#heldLOW;
WE# = VCC - 0.2V; A0-A11, OE# and
DIN = VCC - 0.2V or 0.2V (DIN may be left open)
CAPACITANCE
(Note: 6)
PARAMETER
SYMBOL
MAX
UNITS
Input Capacitance: Address pins
CI1
5p F
Input Capacitance: RAS#, CAS#, WE#, OE#
CI2
7p F
Input/Output Capacitance: DQ
CIO
7p F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com