Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 18 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 18 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology MT4C4M4AX Datasheet HTML 14Page - Micron Technology MT4C4M4AX Datasheet HTML 15Page - Micron Technology MT4C4M4AX Datasheet HTML 16Page - Micron Technology MT4C4M4AX Datasheet HTML 17Page - Micron Technology MT4C4M4AX Datasheet HTML 18Page - Micron Technology MT4C4M4AX Datasheet HTML 19Page - Micron Technology MT4C4M4AX Datasheet HTML 20Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
SELF REFRESH CYCLE
(Addresses and OE# = DON’T CARE)
tRP
V
V
IH
IL
RAS#
tRAS
OPEN
tCHR
tCSR
V
V
IH
IL
CAS#
Q
tRP
tRAS
tRPC
tCSR
tRPC
tCHR
tCP
V
V
IH
IL
tWRP
tWRH
tWRP
tWRH
WE#
DON’T CARE
UNDEFINED
NOTE: 1. Once tRASS (MIN) is met and RAS# remains LOW, the DRAM will enter self refresh mode.
2. Once tRPS is satisfied, a complete burst of all rows should be executed if RAS#-only or burst CBR refresh is used.
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
TIMING PARAMETERS
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tCHD
15
15
ns
tCP
8
10
ns
tCSR
5
5
ns
tRASS
100
100
µs
tRP
30
40
ns
tRPC
5
5
ns
tRPS
90
105
ns
tWRH
8
10
ns
tWRP
8
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com