Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 19 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 19 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology MT4C4M4AX Datasheet HTML 14Page - Micron Technology MT4C4M4AX Datasheet HTML 15Page - Micron Technology MT4C4M4AX Datasheet HTML 16Page - Micron Technology MT4C4M4AX Datasheet HTML 17Page - Micron Technology MT4C4M4AX Datasheet HTML 18Page - Micron Technology MT4C4M4AX Datasheet HTML 19Page - Micron Technology MT4C4M4AX Datasheet HTML 20Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
24/26-PIN PLASTIC SOJ (300 mil)
R
.299 (7.59)
.305 (7.75)
.679 (17.25)
.673 (17.09)
.340 (8.64)
.330 (8.38)
.050 (1.27) TYP
.600 (15.24) TYP
PIN #1 INDEX
.020 (0.51)
.015 (0.38)
.132 (3.35)
.142 (3.61)
.105 (2.67)
.090 (2.29)
.260 (6.61)
.275 (6.99)
.030 (0.76)
.040 (1.02)
SEATING PLANE
.112 (2.84)
.102 (2.59)
.037 (0.94) MAX
DAMBAR PROTRUSION
.026 (0.66)
.032 (0.81)
NOTE:
1. All dimensions in inches (millimeters)
MAX
or typical where noted.
MIN
2. Package width and length do not include mold protrusion; allowable mold protrusion is .01" per
side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com