Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 17 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 17 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology MT4C4M4AX Datasheet HTML 14Page - Micron Technology MT4C4M4AX Datasheet HTML 15Page - Micron Technology MT4C4M4AX Datasheet HTML 16Page - Micron Technology MT4C4M4AX Datasheet HTML 17Page - Micron Technology MT4C4M4AX Datasheet HTML 18Page - Micron Technology MT4C4M4AX Datasheet HTML 19Page - Micron Technology MT4C4M4AX Datasheet HTML 20Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
DON’T CARE
UNDEFINED
tCLZ
tOFF
OPEN
VALID DATA
OPEN
COLUMN
ROW
tCAC
tRAC
tAA
tCAH
tASC
tRAH
tASR
tRAD
tAR
tCRP
tRCD
tRSH
tRAS
tRP
tCHR
tRAS
DQx
V
V
IOH
IOL
V
V
IH
IL
ADDR
V
V
IH
IL
V
V
IH
IL
RAS#
tOE
tOD
CASL#/CASH#
V
V
IH
IL
OE#
t
ORD
HIDDEN REFRESH CYCLE 1
(WE# = HIGH; OE# = LOW)
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tOE
12
15
ns
tOFF
0
12
0
15
ns
tORD
0
0
ns
tRAC
50
60
ns
tRAD
9
12
ns
tRAH
9
10
ns
tRAS
50
10,000
60
10,000
ns
tRCD
11
14
ns
tRP
30
40
ns
tRSH
13
15
ns
TIMING PARAMETERS
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tAA
25
30
ns
tAR
38
45
ns
tASC
0
0
ns
tASR
0
0
ns
tCAC
13
15
ns
tCAH
8
10
ns
tCHR
8
10
ns
tCLZ
0
0
ns
tCRP
5
5
ns
tOD
0
12
0
15
ns
NOTE: 1. A HIDDEN REFRESH may also be performed after a WRITE cycle. In this case, WE# is LOW and OE# is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com