Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 20 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 20 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology MT4C4M4AX Datasheet HTML 14Page - Micron Technology MT4C4M4AX Datasheet HTML 15Page - Micron Technology MT4C4M4AX Datasheet HTML 16Page - Micron Technology MT4C4M4AX Datasheet HTML 17Page - Micron Technology MT4C4M4AX Datasheet HTML 18Page - Micron Technology MT4C4M4AX Datasheet HTML 19Page - Micron Technology MT4C4M4AX Datasheet HTML 20Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
24/26-PIN PLASTIC TSOP (300 mil)
.047 (1.20)
MAX
.367 (9.32)
.359 (9.12)
.302 (7.67)
.298 (7.57)
.050 (1.27)
TYP
1
26
13
.678 (17.23)
.672 (17.07)
.020 (0.50)
.012 (0.30)
PIN #1 INDEX
SEE DETAIL A
.007 (0.18)
.005 (0.13)
.004 (0.10)
.024 (0.60)
.016 (0.40)
.008 (0.20)
.002 (0.05)
DETAIL A
.010 (0.25)
.0315 (0.80)
TYP
GAGE PLANE
SEATING PLANE
NOTE:
1. All dimensions in inches (millimeters)
MAX
or typical where noted.
MIN
2. Package width and length do not include mold protrusion; allowable mold protrusion is .01" per
side.
8000 S. Federal Way, P.O. Box 6, Boise, ID 83707-0006, Tel: 208-368-3900
E-mail: prodmktg@micron.com, Internet: http://www.micron.com, Customer Comment Line: 800-932-4992
Micron is a registered trademark of Micron Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com