Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 9 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 9 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 5Page - Micron Technology MT4C4M4AX Datasheet HTML 6Page - Micron Technology MT4C4M4AX Datasheet HTML 7Page - Micron Technology MT4C4M4AX Datasheet HTML 8Page - Micron Technology MT4C4M4AX Datasheet HTML 9Page - Micron Technology MT4C4M4AX Datasheet HTML 10Page - Micron Technology MT4C4M4AX Datasheet HTML 11Page - Micron Technology MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
READ CYCLE
tRRH
tCLZ
tCAC
tRAC
tAA
VALID DATA
OPEN
tOFF
tRCH
ROW
tRCS
tASC
tRAH
tRAD
tAR
tCAH
tRCD
tCAS
tRSH
tCSH
tRP
tRC
tRAS
tCRP
tASR
ROW
OPEN
RAS#
V
V
IH
IL
CAS#
V
V
IH
IL
ADDR
V
V
IH
IL
DQ
V
V
IOH
IOL
V
V
IH
IL
COLUMN
WE#
DON’T CARE
UNDEFINED
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tOFF
0
12
0
15
ns
tRAC
50
60
ns
tRAD
9
12
ns
tRAH
9
10
ns
tRAS
50
10,000
60
10,000
ns
tRC
84
104
ns
tRCD
11
14
ns
tRCH
0
0
ns
tRCS
0
0
ns
tRP
30
40
ns
tRRH
0
0
ns
tRSH
13
15
ns
TIMING PARAMETERS
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tAA
25
30
ns
tAR
38
45
ns
tASC
0
0
ns
tASR
0
0
ns
tCAC
13
15
ns
tCAH
8
10
ns
tCAS
8
10,000
10
10,000
ns
tCLZ
0
0
ns
tCRP
5
5
ns
tCSH
38
45
ns
tOD
0
12
0
15
ns
tOE
12
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com