Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 13 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 13 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 9Page - Micron Technology MT4C4M4AX Datasheet HTML 10Page - Micron Technology MT4C4M4AX Datasheet HTML 11Page - Micron Technology MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology MT4C4M4AX Datasheet HTML 14Page - Micron Technology MT4C4M4AX Datasheet HTML 15Page - Micron Technology MT4C4M4AX Datasheet HTML 16Page - Micron Technology MT4C4M4AX Datasheet HTML 17Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
FAST-PAGE-MODE EARLY WRITE CYCLE
tDS
tDH
tDS
tDH
tDS
tDH
tWCR
VALID DATA
VALID DATA
VALID DATA
tRWL
tWP
tCWL
tWCH
tWCS
tWP
tCWL
tWCH
tWCS
tWP
tCWL
tWCH
tWCS
tCAH
tASC
tCAH
tASC
tCAH
tASC
tRAH
tASR
tRAD
tAR
COLUMN
COLUMN
COLUMN
ROW
ROW
tCP
tCAS
tRSH
tCP
tCAS
tCP
tCAS
tRCD
tCRP
tPC
tCSH
tRASP
tRP
V
V
IH
IL
CAS#
V
V
IH
IL
ADDR
V
V
IH
IL
WE#
V
V
IH
IL
DQ
V
V
IOH
IOL
RAS#
OE#
V
V
IH
IL
DON’T CARE
UNDEFINED
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tRAD
9
12
ns
tRAH
9
10
ns
tRASP
50
125,000
60
125,000
ns
tRCD
11
14
ns
tRP
30
40
ns
tRSH
13
15
ns
tRWL
13
15
ns
tWCH
8
10
ns
tWCR
38
45
ns
tWCS
0
0
ns
tWP
5
5
ns
TIMING PARAMETERS
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tAR
38
45
ns
tASC
0
0
ns
tASR
0
0
ns
tCAH
8
10
ns
tCAS
8
10,000
10
10,000
ns
tCP
8
10
ns
tCRP
5
5
ns
tCSH
38
45
ns
tCWL
8
10
ns
tDH
8
10
ns
tDS
0
0
ns
tPC
20
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com