Electronic Components Datasheet Search
  English  ▼

X  

MT4C4M4AX Datasheet(PDF) 10 Page - Micron Technology

Part # MT4C4M4AX
Description  DRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4AX Datasheet(HTML) 10 Page - Micron Technology

Back Button MT4C4M4AX Datasheet HTML 6Page - Micron Technology MT4C4M4AX Datasheet HTML 7Page - Micron Technology MT4C4M4AX Datasheet HTML 8Page - Micron Technology MT4C4M4AX Datasheet HTML 9Page - Micron Technology MT4C4M4AX Datasheet HTML 10Page - Micron Technology MT4C4M4AX Datasheet HTML 11Page - Micron Technology MT4C4M4AX Datasheet HTML 12Page - Micron Technology MT4C4M4AX Datasheet HTML 13Page - Micron Technology MT4C4M4AX Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
EARLY WRITE CYCLE
DON’T CARE
UNDEFINED
V
V
IH
IL
CAS#
VALID DATA
ROW
COLUMN
ROW
tDS
tDH
tWP
tWCH
tWCS
tWCR
tRWL
tCWL
tCAH
tASC
tRAH
tASR
tRAD
tAR
tCAS
tRSH
tCSH
tRCD
tCRP
tRAS
tRC
tRP
V
V
IH
IL
ADDR
V
V
IH
IL
WE#
V
V
IH
IL
DQ
V
V
IOH
IOL
RAS#
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tRAH
9
10
ns
tRAS
50
10,000
60
10,000
ns
tRC
84
104
ns
tRCD
11
14
ns
tRP
30
40
ns
tRSH
13
15
ns
tRWL
13
15
ns
tWCH
8
10
ns
tWCR
38
45
ns
tWCS
0
0
ns
tWP
5
5
ns
TIMING PARAMETERS
-5
-6
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tAR
38
45
ns
tASC
0
0
ns
tASR
0
0
ns
tCAH
8
10
ns
tCAS
8
10,000
10
10,000
ns
tCRP
5
5
ns
tCSH
38
45
ns
tCWL
8
10
ns
tDH
8
10
ns
tDS
0
0
ns
tRAD
9
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com