Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 3Page - Texas Instruments TPS62650_15 Datasheet HTML 4Page - Texas Instruments TPS62650_15 Datasheet HTML 5Page - Texas Instruments TPS62650_15 Datasheet HTML 6Page - Texas Instruments TPS62650_15 Datasheet HTML 7Page - Texas Instruments TPS62650_15 Datasheet HTML 8Page - Texas Instruments TPS62650_15 Datasheet HTML 9Page - Texas Instruments TPS62650_15 Datasheet HTML 10Page - Texas Instruments TPS62650_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TPS6265x
CSP−9
(TOP VIEW)
A3
B3
C3
A2
B2
C2
A1
B1
C1
TPS6265x
CSP−9
(BOTTOMVIEW)
A1
B1
C1
A2
B2
C2
A3
B3
C3
GateDriver
Anti
Shoot-Through
PowerSaveMode
SwitchingLogic
+
-
Frequency
Control
FB
SW
Soft-Start
EN
VIN
CurrentLimit
Detect
Undervoltage
Lockout
BiasSupply
Bandgap
Thermal
Shutdown
NegativeInductor
CurrentDetect
VIN
V
= 0.75 V
REF
VDAC
VSEL
SDA
SCL
GND
GND
GND
6-Bit
DAC
Control
Logic
Registers
I CI/F
2
TPS62650
TPS62651
www.ti.com
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VIN
A2
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
This is the enable pin of the device. Connect this pin to ground forces the device into
shutdown mode. Pulling this pin to VI enables the device. On the rising edge of the enable
EN
B3
I
pin, all the registers are reset with their default values. This pin must not be left floating and
must be terminated.
VSEL signal is primarily used to scale the output voltage and to set the TPS6265x operation
between active mode (VSEL=HIGH) and sleep mode (VSEL=LOW). The mode of operation
VSEL
A1
I
can also be adapted by I2C settings. This pin must not be left floating and must be
terminated.
SDA
A3
I/O
Serial interface address/data line.
SCL
B2
I
Serial interface clock line.
FB
C1
I
Output feedback sense input. Connect FB to the converter output.
GND
C2, C3
Ground.
This is the switch pin of the converter and connected to the drain of the internal power
SW
B1
I/O
MOSFETs.
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2009–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com