Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 7Page - Texas Instruments TPS62650_15 Datasheet HTML 8Page - Texas Instruments TPS62650_15 Datasheet HTML 9Page - Texas Instruments TPS62650_15 Datasheet HTML 10Page - Texas Instruments TPS62650_15 Datasheet HTML 11Page - Texas Instruments TPS62650_15 Datasheet HTML 12Page - Texas Instruments TPS62650_15 Datasheet HTML 13Page - Texas Instruments TPS62650_15 Datasheet HTML 14Page - Texas Instruments TPS62650_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
0
2
4
6
8
10
12
14
16
18
20
22
24
0
100
200
300
400
500
600
700
800
I
-LoadCurrent-mA
O
V
=1.4375V
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
1.176
1.188
1.2
1.212
1.224
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=1.2V
O
V =2.5V
PFM/PWM
I
V =3.6V
PFM/PWM
I
V =4.8V
PFM/PWM
I
V =3.6V
PWMOperation
I
1.029
1.04
1.05
1.061
1.071
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=1.05V
O
V =2.5V
PFM/PWM
I
V =3.6V
PFM/PWM
I
V =4.8V
PFM/PWM
I
0.735
0.743
0.75
0.758
0.765
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=0.75V
O
V =2.5V
PFM/PWM
I
V =3.6V
PFM/PWM
I
V =4.8V
PFM/PWM
I
TPS62650
TPS62651
www.ti.com
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
TYPICAL CHARACTERISTICS (continued)
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 13.
Figure 14.
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 15.
Figure 16.
Copyright
© 2009–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com