Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62650_15 Datasheet HTML 1Page - Texas Instruments TPS62650_15 Datasheet HTML 2Page - Texas Instruments TPS62650_15 Datasheet HTML 3Page - Texas Instruments TPS62650_15 Datasheet HTML 4Page - Texas Instruments TPS62650_15 Datasheet HTML 5Page - Texas Instruments TPS62650_15 Datasheet HTML 6Page - Texas Instruments TPS62650_15 Datasheet HTML 7Page - Texas Instruments TPS62650_15 Datasheet HTML 8Page - Texas Instruments TPS62650_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TPS62650
TPS62651
www.ti.com
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and
TA = -40°C to 85°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at
VI = 3.6V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.3
5.5
V
VI = 3.6 V, IO = 0 mA, -40°C ≤ TJ≤ 85°C. Device not switching
38
58
μA
IQ
Operating quiescent current
VI = 3.6 V, IO = 0 mA. PWM mode
5.35
mA
VI = 3.6 V, EN = GND, EN_DCDC bit = X, -40°C ≤ TJ≤ 85°C
0.5
3.5
μA
I(SD)
Shutdown current
VI = 3.6 V, EN = VI, EN_DCDC bit = 0, -40°C ≤ TJ≤ 85°C
0.5
3.5
μA
UVLO
Undervoltage lockout threshold
2.05
2.15
V
ENABLE, VSEL, SDA, SCL
VIH
High-level input voltage
0.9
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input tied to GND or VI, -40°C ≤ TJ≤ 85°C
0.01
0.7
μA
POWER SWITCH
VI = V(GS) = 3.6 V
255
rDS(on)
P-channel MOSFET on resistance
m
Ω
VI = V(GS) = 2.5 V
335
Ilkg
P-channel leakage current, PMOS
V(DS) = 5.5 V, -40°C ≤ TJ≤ 85°C
1
μA
VI = V(GS) = 3.6 V
140
rDS(on)
N-channel MOSFET on resistance
m
Ω
VI = V(GS) = 2.5 V
200
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5 V, -40°C ≤ TJ≤ 85°C
1
μA
Discharge resistor for power-down
rDIS
15
50
Ω
sequence
P-MOS current limit
2.3 V
≤ VI ≤ 4.8 V. Open loop
1350
1500
1700
mA
Input current limit under short-circuit
VO = 0 V
11
mA
conditions
Thermal shutdown
140
°C
Thermal shutdown hysteresis
15
°C
OSCILLATOR
fSW
Oscillator frequency
IO = 0 mA. PWM mode
5.4
6
6.6
MHz
OUTPUT
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650)
–2%
2%
VO = 0.75 V, 0.95 V, 1.10 V, 1.4375 V (TPS62651)
PWM operation
Regulated DC output
voltage accuracy
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650)
–2%
3%
VO = 0.75 V, 0.95 V, 1.10 V, 1.4375 V (TPS62651)
VO
TPS62650/1
PFM/PWM Operation
Regulated DC output
VI = 3.6 V, VO = 1.20 V, IO(DC) = 50 mA
-0.5%
+0.5%
voltage temperature drift
-40
°C ≤ TJ ≤ 105°C. PWM operation
Line regulation
VI = VO + 0.5 V (min 2.3 V) to 5.5 V, IO(DC) = 200 mA
0.13
%/V
Load regulation
IO(DC) = 0 mA to 800 mA
–0.00046
%/mA
Feedback input resistance
480
k
Ω
VO = 1.05 V, VSEL = GND, IO(DC) = 1 mA
16
mVPP
PFM operation
ΔVO
Power-save mode ripple voltage
VO = 1.20 V, VSEL = VI, IO(DC) = 1 mA
16
mVPP
PFM operation
DAC
TPS62650
Resolution
6
Bits
TPS62651
Differential nonlinearity
Specified monotonic by design
±0.4
LSB
Copyright
© 2009–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com