Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 20Page - Texas Instruments TPS62650_15 Datasheet HTML 21Page - Texas Instruments TPS62650_15 Datasheet HTML 22Page - Texas Instruments TPS62650_15 Datasheet HTML 23Page - Texas Instruments TPS62650_15 Datasheet HTML 24Page - Texas Instruments TPS62650_15 Datasheet HTML 25Page - Texas Instruments TPS62650_15 Datasheet HTML 26Page - Texas Instruments TPS62650_15 Datasheet HTML 27Page - Texas Instruments TPS62650_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
TPS62650
TPS62651
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
THEORY OF OPERATION
Serial Interface Description
I2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pull-up structures. When the
bus is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C bus
through open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal
processor, controls the bus. The master is responsible for generating the SCL signal and device addresses. The
master also generates specific conditions that indicate the START and STOP of data transfer. A slave device
receives and/or transmits data on the bus under control of the master device.
The TPS6265x device works as a slave and supports the following data transfer modes, as defined in the
I2C-Bus Specification: standard mode (100 kbps), fast mode (400 kbps), fast mode plus (1 Mbps) and high-speed
mode (up to 3.4 Mbps). The interface adds flexibility to the power supply solution, enabling most functions to be
programmed to new values depending on the instantaneous application requirements. Register contents remain
intact as long as supply voltage remains above 2.1 V (typical).
The data transfer protocol for standard, fast and fast plus modes is exactly the same, therefore, they are referred
to as F/S-mode in this document. The protocol for high-speed mode is different from the F/S-mode, and it is
referred to as HS-mode. The TPS6265x device supports 7-bit addressing; 10-bit addressing and general call
address are not supported.
The TPS6265x device has a 7-bit address with two bits factory programmable allowing up to four dc/dc
converters to be connected to the same bus. The 4 MSBs are 1001 and the LSB is 0.
Standard-, Fast- and Fast-Mode Plus Protocol
The master initiates data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, see Figure 50. All I2C-compatible devices should recognize a
start condition.
The master then generates the SCL pulses, and transmits the 7-bit address and the read/write direction bit R/W
on the SDA line. During all transmissions, the master ensures that data is valid. A valid data condition requires
the SDA line to be stable during the entire high period of the clock pulse, see Figure 51. All devices recognize
the address sent by the master and compare it to their internal fixed addresses. Only the slave device with a
matching address generates an acknowledge, see Figure 52, by pulling the SDA line low during the entire high
period of the ninth SCL cycle. Upon detecting this acknowledge, the master knows that the communication link
with a slave has been established.
The master generates further SCL cycles to either transmit data to the slave (R/W bit 1) or receive data from the
slave (R/W bit 0). In either case, the receiver needs to acknowledge the data sent by the transmitter. An
acknowledge signal can either be generated by the master or by the slave, depending on which one is the
receiver. 9-bit valid data sequences consisting of 8-bit data and 1-bit acknowledge can continue as long as
necessary.
To signal the end of the data transfer, the master generates a stop condition by pulling the SDA line from low to
high while the SCL line is high, see Figure 50. This releases the bus and stops the communication link with the
addressed slave. All I2C compatible devices must recognize the stop condition. Upon the receipt of a stop
condition, all devices know that the bus is released, and they wait for a start condition followed by a matching
address
Attempting to read data from register addresses not listed in this section results in 00h being read out.
24
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com