Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62650_15 Datasheet HTML 1Page - Texas Instruments TPS62650_15 Datasheet HTML 2Page - Texas Instruments TPS62650_15 Datasheet HTML 3Page - Texas Instruments TPS62650_15 Datasheet HTML 4Page - Texas Instruments TPS62650_15 Datasheet HTML 5Page - Texas Instruments TPS62650_15 Datasheet HTML 6Page - Texas Instruments TPS62650_15 Datasheet HTML 7Page - Texas Instruments TPS62650_15 Datasheet HTML 8Page - Texas Instruments TPS62650_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TPS62650
TPS62651
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
DEFAULT
PACKAGE
I2C ADDRESS BITS(2)
PART
OUTPUT VOLTAGE
OUTPUT VOLTAGE(2)
PACKAGE(3)
ORDERING
MARKING
NUMBER(1)
RANGE(2)
(CC)
VSEL0
VSEL1
A2
A1
TPS62650(4)
0.75 V to 1.4375 V
1.05 V
1.2 V
0
1
YFF-9
TPS62650YFF
GJ
TPS62651(4)
0.75 V to 1.4375 V
0.95 V
1.1 V
1
1
YFF-9
TPS62651YFF
GK
(1)
All devices are specified for operation in the commercial temperature range,
–40°C to 85°C.
(2)
For customized output voltage limits (within a 0.75 V to 1.5375 V range), default output voltage and I2C address, contact the factory.
Internal tap points are available to facilitate default output voltage settings in multiples of 50 mV.
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(4)
The following registers bits are set by internal hardware logic and not user programmable through I2C:
(a) VSEL0[7] = 1
(b) VSEL1[7] = 1
(c) CONTROL1[3:2] = 00
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
at VIN, SW(2)
–0.3
7
V
Input Voltage
at FB (2)
–0.3
3.6
V
at EN, VSEL, SCL, SDA (2)
–0.3
VI + 0.3
V
Power dissipation
Internally limited
Operating junction temperature, TA
(3)
–40
85
°C
Maximum operating junction Temperature, TJ
150
°C
Storage temperature range, Tstg
–65
150
°C
Human body model
2
kV
ESD rating(4)
Charge device model
1
kV
Machine model
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum junction temperature of 105
°C.
(4)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
DISSIPATION RATINGS
(1)
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
(2)
RθJB
(2)
TA ≤ 25°C
ABOVE TA = 25°C
YFF
105
°C/W
35
°C/W
950 mW
8 mW/
°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max) – TA] / θJA.
(2)
This thermal data is measured with high-K board (4 layers board according to JESD51-7 JEDEC standard).
2
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com