Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 9Page - Texas Instruments TPS62650_15 Datasheet HTML 10Page - Texas Instruments TPS62650_15 Datasheet HTML 11Page - Texas Instruments TPS62650_15 Datasheet HTML 12Page - Texas Instruments TPS62650_15 Datasheet HTML 13Page - Texas Instruments TPS62650_15 Datasheet HTML 14Page - Texas Instruments TPS62650_15 Datasheet HTML 15Page - Texas Instruments TPS62650_15 Datasheet HTML 16Page - Texas Instruments TPS62650_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
2.5 2.7 2.9 3.1
3.5 3.7 3.9
4.5 4.7 4.9
5.5
3.3
4.3
5.1 5.3
0
10
40
50
190
V − InputVoltage
I
− V
4.1
80
90
120
140
160
220
200
20
30
70
60
110
130
150
170
100
210
180
V
=1.2V
O
PFMtoPWM
ModeChange
Theswitchingmode
changesattheseborders
PWMtoPFM
ModeChange
AlwaysPWM
AlwaysPFM
2.5 2.7
3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
0
25
30
35
45
50
V − InputVoltage
I
− V
T =85 C
A
o
T =25 C
A
o
T =-40 C
A
o
2.9
55
40
20
15
10
5
3
3.5
4
4.5
5
5.5
6
6.5
7
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V -InputVoltage-V
I
I
=50mA
O
I
=150mA
O
I
=300mA
O
I
=400mA
O
I
=500mA
O
I
=600mA
O
I
=700mA
O
I
=800mA
O
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
V − InputVoltage
I
− V
2.7 2.9 3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
T =85 C
A
o
T =25 C
A
o
T =-40 C
A
o
2.5
TPS62650
TPS62651
www.ti.com
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
TYPICAL CHARACTERISTICS (continued)
QUIESCENT CURRENT
vs
PFM/PWM BOUNDARIES
INPUT VOLTAGE
Figure 21.
Figure 22.
SHUTDOWN CURRENT
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 23.
Figure 24.
Copyright
© 2009–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com