Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 12Page - Texas Instruments TPS62650_15 Datasheet HTML 13Page - Texas Instruments TPS62650_15 Datasheet HTML 14Page - Texas Instruments TPS62650_15 Datasheet HTML 15Page - Texas Instruments TPS62650_15 Datasheet HTML 16Page - Texas Instruments TPS62650_15 Datasheet HTML 17Page - Texas Instruments TPS62650_15 Datasheet HTML 18Page - Texas Instruments TPS62650_15 Datasheet HTML 19Page - Texas Instruments TPS62650_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
t − Time=5
s/div
m
V =3.6V
V
=1.20V
I
O
t − Time=1
s/div
m
V =3.6V
V
=1.20V
I
O
t − Time=1
s/div
m
V =3.6V
V
=1.20V
I
O
t − Time=250
s/div
m
V =3.6V
V
=1.05V
I
O
TPS62650
TPS62651
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
LOAD TRANSIENT: 400 mA / 750 mA / 400 mA
LOAD TRANSIENT: 400 mA / 750 mA
PWM OPERATION
PWM OPERATION
Figure 33.
Figure 34.
LOAD TRANSIENT: 750 mA / 400 mA
LOAD TRANSIENT: 5 mA / 100 mA / 5 mA
PWM OPERATION
PFM/PWM OPERATION
Figure 35.
Figure 36.
16
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com