Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 25Page - Texas Instruments TPS62650_15 Datasheet HTML 26Page - Texas Instruments TPS62650_15 Datasheet HTML 27Page - Texas Instruments TPS62650_15 Datasheet HTML 28Page - Texas Instruments TPS62650_15 Datasheet HTML 29Page - Texas Instruments TPS62650_15 Datasheet HTML 30Page - Texas Instruments TPS62650_15 Datasheet HTML 31Page - Texas Instruments TPS62650_15 Datasheet HTML 32Page - Texas Instruments TPS62650_15 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TPS62650
TPS62651
www.ti.com
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
CONTROL1 REGISTER DESCRIPTION
Memory location: 0x02
Description
RESERVED
RESERVED
FREE
FREE
MODE_CTRL[1:0]
MODE1
MODE0
Bits
D7
D6
D5
D4
D3
D2
D1
D0
Memory type
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Default value
0
0
0
0
0
0
0
0
Bit
Description
MODE_CTRL[1:0]
Mode control bits.(1)
00: Operation follows MODE0, MODE1.
01: PFM/PWM operation independent of VSEL signal.
10: Forced PWM operation independent of VSEL signal.
11: PFM/PWM operation independent of VSEL signal.
MODE1
VSEL high (roof voltage) operating mode selection bit.
0: Forced PWM.
1: PFM/PWM automatic transition.
MODE0
VSEL low (floor voltage) operating mode selection bit.
0,1: PFM/PWM automatic transition (no effect).
(1)
See the ordering information table to verify the validity of this option.
CONTROL2 REGISTER DESCRIPTION
Memory location: 0x03
Description
FREE
OUTPUT_DISCHARGE
PWROK
FREE
FREE
DEFSLEW
Bits
D7
D6
D5
D4
D3
D2
D1
D0
Memory type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default value
0
1
0
0
0
1
1
1
Bit
Description
OUTPUT_
Output capacitor auto-discharge control bit.
DISCHARGE
0: The output capacitor is not actively discharged when the converter is disabled.
1: The output capacitor is discharged through an internal resistor when the converter is disabled.
PWROK
Power good bit.
0: The output voltage is not within its regulation limits.
1: The output voltage is in regulation.
DEFSLEW
Output voltage slew-rate control bits.
000: 0.15mV/
μs
001: 0.3mV/
μs
010: 0.6mV/
μs
011: 1.2mV/
μs
100: 2.4mV/
μs
101: 4.8mV/
μs
110: 9.6mV/
μs
111: Immediate
Copyright
© 2009–2011, Texas Instruments Incorporated
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com