Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62650_15 Datasheet HTML 1Page - Texas Instruments TPS62650_15 Datasheet HTML 2Page - Texas Instruments TPS62650_15 Datasheet HTML 3Page - Texas Instruments TPS62650_15 Datasheet HTML 4Page - Texas Instruments TPS62650_15 Datasheet HTML 5Page - Texas Instruments TPS62650_15 Datasheet HTML 6Page - Texas Instruments TPS62650_15 Datasheet HTML 7Page - Texas Instruments TPS62650_15 Datasheet HTML 8Page - Texas Instruments TPS62650_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
CSP-9
FB
C2
4.7 F
m
L1
0.47 H
m
VIN
TPS62650
2.3V..5.5V
SW
GND
EN
VSEL
SDA
SCL
upto3.4Mbips
VO
C1
VI
VO =Roof
VO =Floor
I2C Bus
4.7 F
m
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO −
−
LoadCurrent
mA
0
V =3.6V
ForcedPWMOperation
I
V =4.2V
PFM/PWMOperation
I
V =3.6V
PFM/PWMOperation
I
V =2.7V
PFM/PWMOperation
I
VO =1.2V
TPS62650
TPS62651
www.ti.com
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Check for Samples: TPS62650, TPS62651
1
FEATURES
DESCRIPTION
The
TPS6265x
device
is
a
high-frequency
2
•
86% Efficiency at 6 MHz Operation
synchronous step-down dc-dc converter optimized for
•
38
μA Quiescent Current
battery-powered portable applications. Intended for
•
Wide VIN Range From 2.3 V to 5.5 V
low-power applications, the TPS6265x supports up to
800mA load current and allows the use of small, low
•
6MHz Regulated Frequency Operation
cost inductors and capacitors.
•
Best-In-Class Load and Line Transient
The device is ideal for mobile phones and similar
•
±2% PWM DC Voltage Accuracy
portable applications powered by a single-cell Li-Ion
•
Automatic PFM/PWM Mode Switching
battery. With an output voltage range adjustable via
•
Low Ripple Light-Load PFM
I2C interface down to 0.75V, the device supports
low-voltage
DSPs
and
processors
core
power
•
I2C Compatible Interface up to 3.4 Mbps
supplies in smart-phones and handheld computers.
•
Pin-Selectable Output Voltage (VSEL)
The TPS6265x operates at a regulated 6MHz
•
Internal Soft-Start,
<150-μs Start-Up Time
switching
frequency
and
enters
the
efficiency
•
Current Overload and Thermal Shutdown
optimized power-save mode operation at light load
Protection
currents to maintain high efficiency over the entire
•
Three Surface-Mount External Components
load current range. In the shutdown mode, the
current consumption is reduced to less than 3.5
μA.
Required (One MLCC Inductor, Two Ceramic
Capacitors)
The serial interface is compatible with Standard,
•
Complete Sub 1-mm Component Profile
Fast/Fast
Plus
and
High-Speed
mode
I2C
Solution
specification allowing transfers at up to 3.4 Mbps.
This communication interface is used for dynamic
•
Total Solution Size
<13mm2
voltage scaling with voltage steps down to 12.5mV,
•
Available in a 9-Pin NanoFree
™ (CSP)
for setting the output voltage or reprogramming the
Packaging
mode of operation (PFM/PWM or Forced PWM) for
instance.
APPLICATIONS
The TPS6265x is available in an 9-pin chip-scale
•
SmartReflex
™ Compliant Power Supply
package (CSP).
•
OMAP
™ Application Processor Core Supply
•
Cell Phones, Smart-Phones
•
Micro DC-DC Converter Modules
spacer
Figure 1. Typical Application
Figure 2. Efficiency vs Load Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree, SmartReflex, OMAP are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
More results

Similar Description - TPS62650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com