Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 29Page - Texas Instruments TPS65279V Datasheet HTML 30Page - Texas Instruments TPS65279V Datasheet HTML 31Page - Texas Instruments TPS65279V Datasheet HTML 32Page - Texas Instruments TPS65279V Datasheet HTML 33Page - Texas Instruments TPS65279V Datasheet HTML 34Page - Texas Instruments TPS65279V Datasheet HTML 35Page - Texas Instruments TPS65279V Datasheet HTML 36Page - Texas Instruments TPS65279V Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
TPS65279V
www.ti.com
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
Table 6. Vout2 Command Register
NUMBER OF BITS
ACCESS
NAME
DEFAULT VALUE
DESCRIPTION
Vout2_COM
8
address: 0x03H
Bit 7
Reserved
Bit 6
R/W
Slew Rate 3
0
Vout slew rate control.
000: 10 mV/cycle;
Bit 5
R/W
Slew Rate 2
0
001: 10 mV/2 cycles;
010: 10 mV/4 cycles;
011: 10 mV/8 cycles;
100: 10 mV/16cycles;
Bit 4
R/W
Slew Rate 1
0
101: 10 mV/32cycles;
110: 10 mV/64cycles;
111: 10 mV/128 cycles
Bit 3
Reserved
Bit 2
R/W
PSM Mode
0
00: select by MODE pin;
01: forced PWM mode;
10: auto PSM-PWM mode;
Bit 1
R/W
PSM Mode
0
11: reserved
0: output enabled;
Bit 0
R/W
Disable2
0
1: output disabled
Table 7. System Status Register
NUMBER OF BITS
ACCESS
NAME
DEFAULT VALUE
DESCRIPTION
SYS_STATUS
8
address: 0x04H
Bit 7
Reserved
Bit 6
Reserved
Bit 5
Reserved
Bit 4
Reserved
Bit 3
Reserved
Temperature Warning (>
1: Die temperature over 125°C;
Bit 2
R
0
125°C)
0: Die temperature below 125°C
1: Vout2 in power good regulation range;
Bit 1
R
PGOOD2
0
0: Vout2 not in power good regulation
range
1: Vout1 in power good regulation range;
Bit 0
R
PGOOD 1
0
0: Vout1 not in power good regulation
range
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com