Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 30Page - Texas Instruments TPS65279V Datasheet HTML 31Page - Texas Instruments TPS65279V Datasheet HTML 32Page - Texas Instruments TPS65279V Datasheet HTML 33Page - Texas Instruments TPS65279V Datasheet HTML 34Page - Texas Instruments TPS65279V Datasheet HTML 35Page - Texas Instruments TPS65279V Datasheet HTML 36Page - Texas Instruments TPS65279V Datasheet HTML 37Page - Texas Instruments TPS65279V Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
TPS65279V
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
Table 8. Vout1 and Vout2 Output Voltage Setting
VOUT_SEL
OUTPUT
VOUT_SEL
OUTPUT
VOUT_SEL
OUTPUT
VOUT_SEL
OUTPUT
<7:0>
VOLTAGE (V)
<7:0>
VOLTAGE (V)
<7:0>
VOLTAGE (V)
<7:0>
VOLTAGE (V)
0
0.68
20
1
40
1.32
60
1.64
1
0.69
21
1.01
41
1.33
61
1.65
2
0.7
22
1.02
42
1.34
62
1.66
3
0.71
23
1.03
43
1.35
63
1.67
4
0.72
24
1.04
44
1.36
64
1.68
5
0.73
25
1.05
45
1.37
65
1.69
6
0.74
26
1.06
46
1.38
66
1.7
7
0.75
27
1.07
47
1.39
67
1.71
8
0.76
28
1.08
48
1.4
68
1.72
9
0.77
29
1.09
49
1.41
69
1.73
A
0.78
2A
1.1
4A
1.42
6A
1.74
B
0.79
2B
1.11
4B
1.43
6B
1.75
C
0.8
2C
1.12
4C
1.44
6C
1.76
D
0.81
2D
1.13
4D
1.45
6D
1.77
E
0.82
2E
1.14
4E
1.46
6E
1.78
F
0.83
2F
1.15
4F
1.47
6F
1.79
10
0.84
30
1.16
50
1.48
70
1.8
11
0.85
31
1.17
51
1.49
71
1.81
12
0.86
32
1.18
52
1.5
72
1.82
13
0.87
33
1.19
53
1.51
73
1.83
14
0.88
34
1.2
54
1.52
74
1.84
15
0.89
35
1.21
55
1.53
75
1.85
16
0.9
36
1.22
56
1.54
76
1.86
17
0.91
37
1.23
57
1.55
77
1.87
18
0.92
38
1.24
58
1.56
78
1.88
19
0.93
39
1.25
59
1.57
79
1.89
1A
0.94
3A
1.26
5A
1.58
7A
1.9
1B
0.95
3B
1.27
5B
1.59
7B
1.91
1C
0.96
3C
1.28
5C
1.6
7C
1.92
1D
0.97
3D
1.29
5D
1.61
7D
1.93
1E
0.98
3E
1.3
5E
1.62
7E
1.94
1F
0.99
3F
1.31
5F
1.63
7F
1.95
34
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com