Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 20Page - Texas Instruments TPS65279V Datasheet HTML 21Page - Texas Instruments TPS65279V Datasheet HTML 22Page - Texas Instruments TPS65279V Datasheet HTML 23Page - Texas Instruments TPS65279V Datasheet HTML 24Page - Texas Instruments TPS65279V Datasheet HTML 25Page - Texas Instruments TPS65279V Datasheet HTML 26Page - Texas Instruments TPS65279V Datasheet HTML 27Page - Texas Instruments TPS65279V Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
ROSC
ROSC
IC
Mode
Selection
1.019
osc
sw
R
(k )
45580 f
(kHz)
-
W =
×
TPS65279V
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
Figure 43. ROSC vs Switching Frequency
(4)
Synchronization
An internal phase locked loop (PLL) has been implemented to allow synchronization between 200 kHz and 1600
kHz, and to easily switch from Resistor mode to Synchronization mode.
To implement the synchronization feature, connect a square wave clock signal to the ROSC pin with a duty cycle
between 20% to 80%. The clock signal amplitude must transition lower than 0.8 V and higher than 2 V. The start
of the switching cycle is synchronized to the falling edge of ROSC pin.
In applications where both Resistor mode and Synchronization mode are needed, the device can be configured
as shown in Figure 44. Before the external clock is present, the device works in Resistor mode and the switching
frequency is set by ROSC resistor. When the external clock is present, the Synchronization mode overrides the
Resistor mode. The first time the ROSC pin is pulled above the ROSC high threshold (2 V), the device switches
from the Resistor mode to the Synchronization mode and the ROSC pin becomes high impedance as the PLL
starts to lock onto the frequency of the external clock. It is not recommended to switch from the Synchronization
mode back to the Resistor mode because the internal switching frequency drops to 100 kHz first before returning
to the switching frequency set by ROSC resistor.
Figure 44. Resistor Mode and Synchronization Mode
24
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com