Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 8Page - Texas Instruments TPS65279V Datasheet HTML 9Page - Texas Instruments TPS65279V Datasheet HTML 10Page - Texas Instruments TPS65279V Datasheet HTML 11Page - Texas Instruments TPS65279V Datasheet HTML 12Page - Texas Instruments TPS65279V Datasheet HTML 13Page - Texas Instruments TPS65279V Datasheet HTML 14Page - Texas Instruments TPS65279V Datasheet HTML 15Page - Texas Instruments TPS65279V Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
TPS65279V
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = 25°C, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSU_DAT
Data setup time
0.1
µs
tHD_DAT
Data hold time
0
0.9
µs
20 +
tRCL
Rise time of SCL signal
Capacitance of one bus line (pF)
300
ns
0.1CB
Rise time of SCL signal after a
20 +
tRCL1
repeated START condition and after
Capacitance of one bus line (pF)
300
ns
0.1CB
an acknowledge BIT
20 +
tFCL
Fall time of SCL sgnal
Capacitance of one bus line (pF)
300
ns
0.1CB
20 +
tRDA
Rise time of SDA signal
Capacitance of one bus line (pF)
300
ns
0.1CB
20 +
tFDA
Fall time of SDA signal
Capacitance of one bus line( pF)
300
ns
0.1CB
Capacitance of one bus line
CB
400
pF
(SCL and SDA)
12
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com