Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 7Page - Texas Instruments TPS65279V Datasheet HTML 8Page - Texas Instruments TPS65279V Datasheet HTML 9Page - Texas Instruments TPS65279V Datasheet HTML 10Page - Texas Instruments TPS65279V Datasheet HTML 11Page - Texas Instruments TPS65279V Datasheet HTML 12Page - Texas Instruments TPS65279V Datasheet HTML 13Page - Texas Instruments TPS65279V Datasheet HTML 14Page - Texas Instruments TPS65279V Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TPS65279V
www.ti.com
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
TJ = 25°C, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK 1, BUCK 2 CONVERTERS
Vref(min)
Voltage reference
0 A < IOUT1,2 < 5 A
0.594
0.6
0.606
V
Output voltage step size
VOUT1,2
8
10
12
mV
(VID 0x00 – 0x7F)
VLINEREG3
Line regulation-DC
IOUT = 2 A
0.5
%/V
VLOADREG3
Load regulation-DC
IOUT = (10-90%) x IOUT_max
0.5
%/A
Gm_EA3
Error amplifier trans-conductance
-2 µA < ICOMP < 2 µA
1350
µs
Gm_SRC3
COMP voltage to inductor current Gm
ILX = 0.5 A
10
A/V
ISSx
Soft-start pin charging current
SS1, SS2
6
µA
ILIMIT1
Buck 1 peak inductor current limit
7
A
ILIMIT2
Buck 2 peak inductor current limit
7
A
ILIMITLSx
Low side sinking current limit
-2.6
A
Rdsonx_HS
On resistance of high side FET
V7V = 6.3 V
31
m
Ω
Rdsonx_LS
On resistance of low side FET
VIN = 12 V
23
m
Ω
Tminon
Minimum on time
94
ns
VbootUV
Boot-LX UVLO
2.1
3
V
Thiccupwait
Hiccup wait time
512
cycles
Thiccup_re
Hiccup time before re-start
16384
cycles
I2C READ BACK FAULT STATUS
Feedback lower voltage rising
94
(with respect to 0.6 V )
Feedback lower voltage falling
92.5
(with respect to 0.6 V)
VPGOOD
PGOOD trip levels
%
Feedback upper voltage rising
107.5
(with respect to 0.6 V)
Feedback upper voltage falling
105.5
(with respect to 0.6 V)
Twarn
Temperature warning threshold
125
°C
THERMAL SHUTDOWN
TTRIP
Thermal protection trip point
Rising temperature
160
°C
THYST
Thermal protection hysteresis
20
°C
I2C INTERFACE
0x60H if ADDR = 0;
Address
0x61H if ADDR = high;
0x62H if ADDR = open
VIH SDA, SCL
Input high voltage
1.3
V
VIL SDA, SCL
Input low voltage
0.4
V
II
Input current
SDA, SCL, VI = 0.4 V to 4.5 V
-10
10
µA
VOL SDA
SDA output low voltage
SDA open drain, IOL = 4 mA
0.4
V
f(SCL)
Maximum SCL clock frequency
400
kHz
Bus free time between a STOP and
tBUF
1.3
µs
START condition
Hold time (Repeated) START
tHD_STA
0.6
µs
condition
tSU_STO
Setup time for STOP condition
0.6
µs
tLOW
LOW period of the SCL clock
1.3
µs
tHIGH
HIGH period of the SCL clock
0.6
µs
Setup time for a repeated START
tSU_STA
0.6
µs
condition
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com