Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 26Page - Texas Instruments TPS65279V Datasheet HTML 27Page - Texas Instruments TPS65279V Datasheet HTML 28Page - Texas Instruments TPS65279V Datasheet HTML 29Page - Texas Instruments TPS65279V Datasheet HTML 30Page - Texas Instruments TPS65279V Datasheet HTML 31Page - Texas Instruments TPS65279V Datasheet HTML 32Page - Texas Instruments TPS65279V Datasheet HTML 33Page - Texas Instruments TPS65279V Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
TPS65279V
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
Serial Interface Description
I2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pull-up structures. When the
bus is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C bus
through open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal
processor, controls the bus. The master is responsible for generating the SCL signal and device addresses. The
master also generates specific conditions that indicate the START and STOP of data transfer. A slave device
receives and/or transmits data on the bus under control of the master device.
The TPS65279V device works as a slave and supports the following data transfer modes, as defined in the I2C-
Bus Specification: standard mode (100 kbps), and fast mode (400 kbps). The interface adds flexibility to the
power supply solution, enabling most functions to be programmed to new values depending on the instantaneous
application requirements. Register contents remain intact as long as supply voltage remains above 4.5 V
(typical).
The data transfer protocol for standard and fast modes is exactly the same, therefore, they are referred to as
F/S-mode in this document. The TPS65279V device supports 7-bit addressing; 10-bit addressing and general
call address are not supported.
The TPS65279V device has a 7-bit address with the 2 LSB bits set by ADDR pin. Connecting ADDR to ground
set the address 0x60H, connecting to high set the address 0x61H, leaving this pin open set the address 0x62H.
Table 1. I2C Address
Selection
ADDR PIN
I2C ADDRESS
Connect to
0x60H
Ground
Open
0x61H
Connect to High
0x62H
Figure 46. I2C Interface Timing Diagram
30
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com