Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 5Page - Texas Instruments TPS65279V Datasheet HTML 6Page - Texas Instruments TPS65279V Datasheet HTML 7Page - Texas Instruments TPS65279V Datasheet HTML 8Page - Texas Instruments TPS65279V Datasheet HTML 9Page - Texas Instruments TPS65279V Datasheet HTML 10Page - Texas Instruments TPS65279V Datasheet HTML 11Page - Texas Instruments TPS65279V Datasheet HTML 12Page - Texas Instruments TPS65279V Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
TPS65279V
www.ti.com
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
TERMINAL FUNCTIONS (continued)
NO.
NO.
NAME
DESCRIPTION
(HTSSOP)
(QFN)
BST2
30
29
Add a bootstrap capacitor between BST2 and LX2. The voltage on this
capacitor carries the gate drive voltage for the high-side MOSFET of
Buck 2.
VOUT2
31
30
Buck 2 output voltage sensing pin; When I2C controlled VID selection is
enabled, output voltage can be programmed from 0.68 V to 1.95 V with
10-mV steps. In current sharing application, connect this pin to the
ground.
FB2
32
31
Feedback sensing pin for the external feedback resistors in Buck 2.
Before I2C controlled VID selection is enabled, an external resistor divider
connects to this pin to pre-set the output voltage.
Exposed Thermal Pad
33
37
Exposed thermal pad of the package. Connect to the power ground.
Always solder thermal pad to the board, and have as many vias as
possible on the PCB to enhance power dissipation. There is no electric
signal down bonded to the thermal pad inside the IC package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
Voltage range at VIN, PVIN1,PVIN2
–0.3 to 20
V
Voltage range at LX1, LX2 (maximum withstand voltage transient < 20 ns)
–4.5 to 20
V
Voltage at BST1, BST2, referenced to LX1, LX2 pin
–0.3 to 7
V
Voltage at V7V, EN1, EN2, VOUT1, VOUT2, MODE
–0.3 to 7
V
Voltage at SS1, SS2, FB1, FB2, COMP1, COMP2
–0.3 to 3
V
Voltage at SDA, SCL, ADDR, EN1, EN2, ROSC
–0.3 to 7
Voltage at AGND, PGND1, PGND2
–0.3 to 0.3
V
TJ
Operating virtual junction temperature range
–40 to 150
°C
TSTG
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS65279V
THERMAL METRIC
DAP
RHH
UNITS
32 PINS
36 PINS
θJA
Junction-to-ambient thermal resistance(1)
35
30.8
θJCtop
Junction-to-case (top) thermal resistance(2)
17.7
18.8
θJB
Junction-to-board thermal resistance(3)
19
6
°C/W
ψJT
Junction-to-top characterization parameter(4)
0.5
0.2
ψJB
Junction-to-board characterization parameter(5)
18.9
6
θJCbot
Junction-to-case (bottom) thermal resistance(6)
1.3
0.7
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com