Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 21Page - Texas Instruments TPS65279V Datasheet HTML 22Page - Texas Instruments TPS65279V Datasheet HTML 23Page - Texas Instruments TPS65279V Datasheet HTML 24Page - Texas Instruments TPS65279V Datasheet HTML 25Page - Texas Instruments TPS65279V Datasheet HTML 26Page - Texas Instruments TPS65279V Datasheet HTML 27Page - Texas Instruments TPS65279V Datasheet HTML 28Page - Texas Instruments TPS65279V Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
0.6 V
Tss(ms)
Css(nF)
6
A
æ
ö
×
=
× ç
÷
× m
è
ø
TPS65279V
www.ti.com
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
Soft Start Time
The start-up of buck output is controlled by the voltage on the respective SS pin. When the voltage on the SS pin
is less than the internal 0.6-V reference, the TPS65279V regulates the internal feedback voltage to the voltage
on the SS pin instead of 0.6 V. The SS pin can be used to program an external soft-start function or to allow
output of buck to track another supply during start-up. The device has an internal pull-up current source of 6 µA
that charges an external soft-start capacitor to provide a linear ramping voltage at SS pin. The TPS65279V
regulates the internal feedback voltage according to the voltage on the SS pin, allowing VOUT to rise smoothly
from 0 V to its final regulated voltage. The total soft-start time will be calculated approximately:
(5)
VID Control
When I2C is not in function, the output voltage of TPS65279V is solely set by an external resistor divider. If
system wants to control the output voltage, VID (voltage identification) DAC can be controlled via I2C interface to
the Output Voltage Selection register of 0x00H (Buck 1) and 0x1H (Buck 2). Output voltage is required to be
preset by the external resistor divider. When VID DAC is selected via I2C interface and the “GO” bit in command
register is set, the output voltage is set with the internal voltage divider over the external voltage divider.
Out-of-Phase Operation
In order to reduce input ripple current, Buck 1 and Buck 2 operate 180° out-of-phase. This enables the system
having less input ripple, then to lower component cost, save board space and reduce EMI.
Output Overvoltage Protection (OVP)
The device incorporates an output overvoltage protection (OVP) circuit to minimize output voltage overshoot. For
example, when the power supply output is overloaded the error amplifier compares the actual output voltage to
the internal reference voltage. If the FB pin voltage is lower than the internal reference voltage for a considerable
time, the output of the error amplifier demands maximum output current. Once the condition is removed, the
regulator output rises and the error amplifier output transitions to the steady state voltage. In some applications
with small output capacitance, the power supply output voltage can respond faster than the error amplifier. This
leads to the possibility of an output overshoot. The OVP feature minimizes the overshoot by comparing the FB
pin voltage to the OVP threshold. If the FB pin voltage is greater than the OVP threshold the high-side MOSFET
is turned off preventing current from flowing to the output and minimizing output overshoot. When the FB voltage
drops lower than the OVP threshold, the high-side MOSFET is allowed to turn on at the next clock cycle.
Bootsrap Voltage (BOOT) and Low Dropout Operation
The device has an integrated boot regulator, and requires a small ceramic capacitor between the BOOT and LX
pins to provide the gate drive voltage for the high-side MOSFET. The boot capacitor is charged when the BOOT
pin voltage is less than VIN and BOOT-LX voltage is below regulation. The value of this ceramic capacitor should
be 0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or higher is
recommended because of the stable characteristics over temperature and voltage.
To improve drop out, the device is designed to operate at 100% duty cycle as long as the BOOT to LX pin
voltage is greater than the BOOT-LX UVLO threshold which is typically 2.1 V. When the voltage between BOOT
and LX drops below the BOOT-LX UVLO threshold the high-side MOSFET is turned off and the low-side
MOSFET is turned on allowing the boot capacitor to be recharged. In applications with split input voltage rails.
100% duty cycle operation can be achieved as long as (VIN – PVIN) > 4 V.
Over Current Protection
The device is protected from over current conditions by cycle-by-cycle current limiting on both the high-side
MOSFET and the low-side MOSFET.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com