Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 4 Page - Texas Instruments

  TMP006B Datasheet HTML 1Page - Texas Instruments TMP006B Datasheet HTML 2Page - Texas Instruments TMP006B Datasheet HTML 3Page - Texas Instruments TMP006B Datasheet HTML 4Page - Texas Instruments TMP006B Datasheet HTML 5Page - Texas Instruments TMP006B Datasheet HTML 6Page - Texas Instruments TMP006B Datasheet HTML 7Page - Texas Instruments TMP006B Datasheet HTML 8Page - Texas Instruments TMP006B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
C1
C3
C2
B1
B3
A1
A3
A2
Sensor
C
B
A
1
3
2
Columns
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
5 Device Comparison Table
TWO-WIRE
PRODUCT
INTERFACE VOLTAGE
TMP006
3.3 V
TMP006B
1.8 V
6 Pin Configuration and Functions
YZF Package
8-Pin DSBGA
(Top View, Not to Scale)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADR0
C1
Input
Address select pin
ADR1
B1
Input
Address select pin
AGND
A2
Power
Analog ground
DGND
A1
Power
Digital ground
DRDY
C2
Output
Data ready, active low, open-drain; requires a pullup resistor to V+.
SCL
B3
Input
Serial clock line for two-wire interface, open-drain; requires a pullup resistor to V+.
SDA
C3
Input/output
Serial data line for two-wire interface, open-drain; requires a pullup resistor to V+.
V+
A3
Power
Positive supply (2.2 V to 5.5 V)
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com