Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 21Page - Texas Instruments TMP006B Datasheet HTML 22Page - Texas Instruments TMP006B Datasheet HTML 23Page - Texas Instruments TMP006B Datasheet HTML 24Page - Texas Instruments TMP006B Datasheet HTML 25Page - Texas Instruments TMP006B Datasheet HTML 26Page - Texas Instruments TMP006B Datasheet HTML 27Page - Texas Instruments TMP006B Datasheet HTML 28Page - Texas Instruments TMP006B Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
OBJ
30 nW
T
140 mK
213 nW/K
'
|
3
3
OUT
8
OBJ B OBJ
det
OBJ
OBJ
3
0
V
nW
NEP
T
A
1 cos
T
213
T
R
K
H
V
T
'
§
·

'
'
¨
¸
©
¹
.
rms noise
OBJ
OUT
Sensor
0.25 9
T
110 mK
V
2 3 9.
'
|
'
.
SENSOR
OBJ

'
V
2 3
T
K


K
cos
3
3
8
OUT
OBJ B OBJ
det
0
OBJ
3
V
T
A
1
R
T
H
V
T
'

'
.
2
2
2r
cos
0 800
4r
D
T

4
4
3
SENSOR
OBJ B
OBJ
DIE
det
0
2
V
=
T
T
A
(1
cos
)R
3
H
V
T


TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
Using the device-specific radiation transfer expression and R0, the detector response is shown in Equation 14:
where
•
εOBJ is the emissivity of the object (0.95).
•
B is the Stefan-Boltzmann constant (5.67 × 10
-12 W/cm
2 /K
4).
•
TOBJ is the object temperature (273 K + 30°C).
•
TDIE is the detector temperature (273 K + 23°C).
•
Adet is the detector active area (1.09 × 10
-3 cm2)
•
θ is the half-angle subtended by the object as viewed from the detector.
•
R0 is the responsivity (~10.8 V/W for the specified temperatures).
(14)
The value of cos
θ is shown in Equation 15:
where
•
r is the distance between the detector and the object (10 mm).
•
D is the diameter of the object (15 mm).
(15)
Differentiating with respect to object temperature, a small change in temperature creates a small change in the
measured voltage given by Equation 16:
(16)
Substituting values for the parameters yields Equation 17:
(17)
The sensor rms noise at TDIE = 25°C is ~0.25 µV; thus, the rms variation in temperature measurement is as
shown in Equation 18:
(18)
The peak-to-peak noise is approximately six times the rms noise; therefore, estimate an accuracy of
approximately ±0.33°C.
This estimate can also be made using the noise-equivalent power (NEP), noting that NEP is the ratio of noise to
responsivity, as shown in Equation 19:
(19)
Assuming the system is sensor-noise limited, the NEP is ~30 nW at 25°C, as shown in Equation 20:
(20)
Again, the peak-to-peak noise is approximately 6X the rms noise; therefore estimate an accuracy of
approximately ±0.42°C.
The different results from these two techniques is because of estimated values used for some parameters. The
purpose of these techniques is not to obtain exact answers, but rather to quickly estimate the feasibility of a
system implementation based on basic system parameters. These examples are intended only as guidelines; the
specific values for the parameters depend on the specific system details.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com