Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 1 Page - Texas Instruments

  TMP006B Datasheet HTML 1Page - Texas Instruments TMP006B Datasheet HTML 2Page - Texas Instruments TMP006B Datasheet HTML 3Page - Texas Instruments TMP006B Datasheet HTML 4Page - Texas Instruments TMP006B Datasheet HTML 5Page - Texas Instruments TMP006B Datasheet HTML 6Page - Texas Instruments TMP006B Datasheet HTML 7Page - Texas Instruments TMP006B Datasheet HTML 8Page - Texas Instruments TMP006B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
16-Bit
$
ADC
Gain
Die
Temperature
IR
Thermopile
Sensor
Voltage
Reference
Sensor
Amplifier
Digital
Control
Two-Wire
Interface
DRDY
ADR0
ADR1
SCL
SDA
V+
AGND
DGND
TMP006
TMP006B
Thot
Tcold
Thot
Thot
Thot
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
1 Features
3 Description
The TMP006 and TMP006B are fully integrated
1
•
Integrated MEMs Thermopile for Noncontact
MEMs
thermopile
sensors
that
measure
the
Temperature Sensing
temperature of an object without having to be in direct
•
Local Temperature Sensor for Cold Junction
contact. The thermopile absorbs passive infrared
Reference
energy from an object at wavelengths between 4 um
to 16 um within the end-user defined field of view.
–
±1°C (max) from 0°C to 60°C
–
±1.5°C (max) from –40°C to +125°C
The corresponding change in voltage across the
thermopile is digitized and reported with the on-chip
•
Two-Wire Serial Interface Options:
die thermal sensor measurement through an I2C- and
–
I2C and SMBus Compatible
SMBus-compatible interface. With this data, the
–
TMP006 at 3.3 V
target object temperature can be calculated by an
external processor.
–
TMP006B at 1.8 V
–
Eight Programmable Addresses
The TMP007 is an enhanced version of the TMP006
or TMP006B. The TMP007 combines all the features
•
Low Power
of the TMP006 and TMP006B with an additional math
–
Supply: 2.2 V to 5.5 V
engine to perform all of the equations on chip,
–
Active Current: 240
μA (typ)
allowing the target object temperature to be read
directly from the device. The TMP007 also provides
–
1-µA shutdown (max)
built-in nonvolatile memory for storing calibration
•
Compact Package
coefficients.
–
1.6-mm × 1.6-mm × 0.625-mm DSBGA
The Infrared thermopile sensor is specified to operate
from –40°C to +125°C. It is possible to measure an
2 Applications
object temperature beyond the device operating
•
Noncontact Temperature Sensing
range as long as the device itself does not exceed
the operating temperature range (–40°C to +125°C).
–
Case Temperature
–
Laser Printers
Device Information(1)
–
Power Relays
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Health and Beauty
TMP006
DSBGA (8)
1.60 mm × 1.60 mm
–
HVAC Comfort Optimization
TMP006B
•
Gas Concentration
(1) For all available packages, see the package option addendum
at the end of the datasheet.
•
Flame Detection
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP006B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006B TI1-TMP006B Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFT TI1-TMP006BIYZFT Datasheet
789Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFT TI1-TMP006BIYZFT Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
More results

Similar Description - TMP006B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
THERMOPILE INFRARED SENSOR
TP337 ETC1-TP337 Datasheet
214Kb / 9P
Thermopile Infrared Sensor
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
THERMOPILE INFRARED SENSOR
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
THERMOPILE INFRARED SENSOR
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com