Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 19Page - Texas Instruments TMP006B Datasheet HTML 20Page - Texas Instruments TMP006B Datasheet HTML 21Page - Texas Instruments TMP006B Datasheet HTML 22Page - Texas Instruments TMP006B Datasheet HTML 23Page - Texas Instruments TMP006B Datasheet HTML 24Page - Texas Instruments TMP006B Datasheet HTML 25Page - Texas Instruments TMP006B Datasheet HTML 26Page - Texas Instruments TMP006B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Accuracy
Mean Calibration Error
3 Standard Deviations
=
±
(
)
N
MEAN
OBJ_PREDICT
OBJ_ACTUAL
1
1
E
T
T
N
=
-
å
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
For calibration, the mean value, <VSENSOR>, is calculated for each combination of TOBJ and TDIE, as shown in
Table 10. Using the mean value minimizes error introduced by random noise. Based on the means, a set of
coefficients is generated based on a user-selected optimization criteria for Equation 7. Common criteria are
minimizing the maximum error, minimizing the average error, and so on. For a detailed discussion of optimization
methods, see user guide SBOU142, TMP007 Calibration Guide.
Table 10. Mean Values
TDIE
TOBJ
0°C
20°C
40°C
60°C
0°C
<VSENSOR>
<VSENSOR>
<VSENSOR>
<VSENSOR>
20°C
<VSENSOR>
<VSENSOR>
<VSENSOR>
<VSENSOR>
40°C
<VSENSOR>
<VSENSOR>
<VSENSOR>
<VSENSOR>
60°C
<VSENSOR>
<VSENSOR>
<VSENSOR>
<VSENSOR>
9.2.1.2.2
Verifying the Calibration
The next step is to use the generated coefficients to verify the calibration, and determine the accuracy of the
system. For common calibration (C) , the same coefficients are used for all devices; in unit calibration (U) the
coefficients are calculated for each device. Common calibration includes device-to-device variation, and thus is
less accurate, but much easier to implement. Unit calibration is more accurate, and eliminates device variation,
but requires more effort to implement. The choice depends on the application requirements for accuracy versus
implementation effort.
Mean calibration error at each point is defined as shown in Equation 11:
where
•
TOBJ_PREDICT is the temperature based on the calibration coefficients.
•
TOBJ_ACTUAL is the known object temperature, measured independently.
•
N is the number of devices in the calibration set.
(11)
The mean error graph (see Figure 20) provides an efficient method of understanding how the systematic errors
vary across the temperature ranges of interest. This graph also provides a means of weighing the benefits and
efforts of common versus unit calibration for a particular application.
Note that calibration does not affect the temporal random noise observed, as shown in Figure 21. The standard
deviation of the temperature error is independent of the calibration if the random error is dominated by the sensor
noise and not external system factors, such as convection and conduction. For common calibration, the total
standard deviation increases because of the effects of device-to-device variation. This standard deviation is
calculated in the usual way, by substituting TOBJ_PREDICT for the mean in the standard deviation formula.
The accuracy is then defined as the mean calibration error plus the random errors from all sources. For this
example application, use the criteria shown in Equation 12:
(12)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com