Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 6Page - Texas Instruments TMP006B Datasheet HTML 7Page - Texas Instruments TMP006B Datasheet HTML 8Page - Texas Instruments TMP006B Datasheet HTML 9Page - Texas Instruments TMP006B Datasheet HTML 10Page - Texas Instruments TMP006B Datasheet HTML 11Page - Texas Instruments TMP006B Datasheet HTML 12Page - Texas Instruments TMP006B Datasheet HTML 13Page - Texas Instruments TMP006B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Sensor
1.6 mm
0.33 mm
0.33 mm
0.165 mm
0.165 mm
1.6 mm
TMP006
Object
D
-
d
Sensor
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
8.3.2 Field of View and Angular Response
The TMP006 and TMP006B sense all radiation within a defined field of view (FOV). The FOV (or full-angle of
θ)
is defined as 2
Φ. These devices contain no optical elements, and thus sense all radiation within the hemisphere
to the front of the device. Figure 3 shows the angular dependence of the sensor response and the relative power
for a circular object that subtends a half angle of phi (
Φ). Figure 7 defines the angle Φ in terms of object diameter
and distance. Figure 7 assumes that the object is well approximated as a plane that is perpendicular to the
sensor axis.
Figure 7. FOV Geometry Definition
In this case, the maximum contribution is from the portion of the object directly in front of the TMP006 or
TMP006B (
Φ = 0); with the sensitivity per solid angle, dR/dΦ decreases as Φ increases. Approximately 50% of
the energy sensed by the TMP006 and TMP006B is within a FOV (
θ) = 90°.
This discussion is for illustrative purposes only; in practice the angular response (dR/d
Φ) of the TMP006 and
TMP006B to the object is affected by the object orientation, the number of objects, and the precise placement
relative to the TMP006 or TMP006B. Figure 8 shows the thermopile sensor dimensions.
NOTE: Thermopile sensor is centered in the device.
Figure 8. Thermopile Sensor Dimensions
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com