Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 18Page - Texas Instruments TMP006B Datasheet HTML 19Page - Texas Instruments TMP006B Datasheet HTML 20Page - Texas Instruments TMP006B Datasheet HTML 21Page - Texas Instruments TMP006B Datasheet HTML 22Page - Texas Instruments TMP006B Datasheet HTML 23Page - Texas Instruments TMP006B Datasheet HTML 24Page - Texas Instruments TMP006B Datasheet HTML 25Page - Texas Instruments TMP006B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
(
)
NORM
MEAS
Sensor
(mV)
Sensor
a
SampleNo
b
=
-
´
+
Sensor (mV)
a SampleNo b
=
´
+
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
Typical Application (continued)
9.2.1.1 Design Requirements
For this application, the system must operate over the environment described in Table 8.
Table 8. Wide-Range Parameters
DESIGN PARAMETER
EXAMPLE VALUE
COMMENT
N
32
Number of devices in calibration set
Minimum TDIE
0°C
Minimum expected die temperature
Maximum TDIE
60°C
Maximum expected die temperature
Minimum TOBJ
0°C
Minimum expected objected temperature
Maximum TOBJ
60°C
Maximum expected object temperature
ε
0.95
Object emissivity
Field of view
110°
Field of view subtended by object
Conversion rate
1 sample/second
Select a set of values for TDIE and TOBJ to generate the calibration set. At a minimum, include the four extreme
points of the temperature ranges desired. In practice, it is best to include a number of intermediate points as well.
This example uses the values shown in Table 9, with an X marking the values chosen for measurement.
Table 9. Wide-Range Measurement Values
TDIE
TOBJ
0°C
20°C
40°C
60°C
0°C
X
X
X
X
20°C
X
X
X
X
40°C
X
X
X
X
60°C
X
X
X
X
9.2.1.2 Detailed Design Procedure
Before attempting to calibrate the system, it is necessary to establish the stability of the system. Noise is a
measure of precision, which is the random deviation from the mean of the distribution. For a Gaussian (or
normal) distribution, the precision is typically characterized by the standard deviation (sensor noise),
σ.
9.2.1.2.1
Wide-Range Calibration
To begin calibration, select an object temperature (TOBJ) and a value for the die temperature (TDIE). With these
system temperatures stable, take a statistically significant number of samples of VSensor (results shown in register
00h).
In this example, 64 samples were taken.
To compensate for first order drift in system temperatures, it is often useful to normalize the data set. For this
purpose, for each temperature set, the sensor voltage data (given in register 00h) is normalized by first finding
the best fit line of the form shown in Equation 9:
(9)
The normalized data for each data set is then calculated as shown in Equation 10:
(10)
The normalized data, VSensor_norm, is centered on zero mean, and is first-order corrected for long-term drift. The
standard deviation for each data set is then calculated to estimate the sensor noise,
σ. Verify that the data are
limited by white noise and no other effects. For a sensor-noise-limited data set, vSENSOR σ is typically < 1 μV, and
preferably < 0.5
μV after first-order correction for drift, as described previously. If this condition is not satisfied,
then the calibration accuracy is limited by external system factors (for example, convection or conduction).
Repeat this process for each combination of TOBJ and TDIE for which the calibration is to be performed. The
normalized data are used only for evaluating the suitability of the data set for calibration, and not for the actual
calibration itself.
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com