Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 19 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 15Page - Texas Instruments TMP006B Datasheet HTML 16Page - Texas Instruments TMP006B Datasheet HTML 17Page - Texas Instruments TMP006B Datasheet HTML 18Page - Texas Instruments TMP006B Datasheet HTML 19Page - Texas Instruments TMP006B Datasheet HTML 20Page - Texas Instruments TMP006B Datasheet HTML 21Page - Texas Instruments TMP006B Datasheet HTML 22Page - Texas Instruments TMP006B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
8.4 Device Functional Modes
The TMP006 and TMP006B operate in two modes: continuous and shutdown. A software reset function is also
available. Selecting the desired operating mode is done by writing to the configuration register conversion mode
select bits MOD[2:0]. The duration of the analog-to-digital (A/D) conversion is determined by the conversion rate
bits CR[2:0] and is listed in Table 7. Continuous mode, on the other hand, performs an A/D conversion followed
by a low-power delay in order to reduce the average power consumption. Multiple options for the conversion time
and delay time are available in order to select the desired power and noise performance. Initiating power-down
has an immediate effect; it aborts the current conversion and puts the device into a low-power shutdown mode.
RST, or software reset, is also immediate and initializes all memory locations with the respective reset values.
8.5 Register Maps
The TMP006 and TMP006B contain data registers that hold configuration information, temperature measurement
results, and status information.
Table 6. Register Map
POINTER
(HEX)
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00h
Sensor voltage
V15
V14
V13
V12
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
01h
Local temperature
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0
0
02h
Configuration
RST
MOD3
MOD2
MOD1
CR3
CR2
CR1
EN
DRDY
0
0
0
0
0
0
0
FEh
Manufacturer ID
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
FFh
Device ID
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
8.5.1 Sensor Voltage Result (VSENSOR) Register (address = 00h) [reset = 0000000000000000]
The sensor voltage register is a 16-bit result register in binary twos complement format. One least significant bit
(LSB) is 156.25 nV. The full-scale value is a ±5.12 mV signal. Data from this register (Figure 14) are used in
conjunction with data from the Temperature register to calculate the object temperature. Figure 14 summarizes
the Sensor Voltage register. The equation for the resultant object temperature is discussed in the TMP006 User
Guide (SBOU107).
Figure 14. Sensor Voltage Result (VSENSOR) Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
V15
V14
V13
V12
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
8.5.2 Temperature (TDIE) Register (address = 01h) [reset = 0000000000000000]
The temperature register of the TMP006 and TMP006B is configured as a 14-bit, read-only register (as shown in
Figure 15) that stores the result of the most recent conversion for the die temperature, TDIE. Following power-up
or a software reset, the Temperature Register reads 0°C (0000h) until the first conversion is complete.
Figure 15. Temperature (TDIE) Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
8.5.3 Configuration Register (address = 02h) [reset = 0111010000000000]
Figure 16 describes the configuration register. This register determines the operational modes, conversion rate,
DRDY control, initiates a single conversion, performs a software reset, or puts the device into shutdown mode.
This register is read/write, and the pointer address is 02h.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com