Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 20Page - Texas Instruments TMP006B Datasheet HTML 21Page - Texas Instruments TMP006B Datasheet HTML 22Page - Texas Instruments TMP006B Datasheet HTML 23Page - Texas Instruments TMP006B Datasheet HTML 24Page - Texas Instruments TMP006B Datasheet HTML 25Page - Texas Instruments TMP006B Datasheet HTML 26Page - Texas Instruments TMP006B Datasheet HTML 27Page - Texas Instruments TMP006B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
3
0
2
1
cos
R
3
T

-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
70
80
Object Temperature (
SC)
0°C-C
20°C-C
40°C-C
60°C-C
0°C-U
20°C-U
40°C-U
60°C-U
C015
0.00
0.05
0.10
0.15
0.20
0.25
0
10
20
30
40
50
60
70
80
Object Temperature (
SC)
0°C-C
20°C-C
40°C-C
60°C-C
0°C-U
20°C-U
40°C-U
60°C-U
C016
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
9.2.1.3 Application Curves
Figure 20. Mean Calibration Error, Wide Range Over TDIE
Figure 21. Noise in Temperature Measurement, Wide
Range Over TDIE
9.3 System Examples
9.3.1 Use of NEP, NETD, and Responsivity in Estimating System Performance
It is often necessary to estimate system performance as part of the design process. A key system parameter is
temperature accuracy for a given set of parameters. Table 11 lists example parameters for estimating system
performance.
Table 11. Estimating System Performance Parameters
DESIGN PARAMETER
EXAMPLE VALUE
COMMENT
Object distance
10 mm
Distance to object
Object diameter
15 mm
Object size and geometry
ε
0.95
Object emissivity
TDIE
23°C
Die temperature
TOBJ
30°C
Maximum expected object temperature
FOV
110°
Field of view subtended by object
Responsivity (R0)
10.8 V/W
Responsivity for TDIE = 25°C, θ = 0°
Responsivity (R)
9 V/W
Responsivity for 110° FOV
Sensor rms noise
0.20 µV
RMS sensor noise at TDIE = 25°C
NEP
30 nW
Thermal power equivalent to rms sensor noise
Conversion rate
1 SPS
SPS = samples per second
The system accuracy is a function of TOBJ, TDIE, ε, and radiation transfer.
The radiation transfer factor is system dependent, and is affected by the object distance and geometry (for
example, planar versus curved surfaces, or presence of lenses). For an planar object perpendicular to the
detector axis (see Figure 7), the radiation transfer follows the well-known sin2(
θ) result. This expression can be
used with a radiation transfer function responsivity value of 9 V/W to estimate system performance.
Because of the angular dependence of the TMP006 and TMP006B detector response, a more accurate
representation for the same radiative transfer function geometry is shown in Equation 13:
where
•
R0 is the responsivity of the detector to a point source at an angle normal to the detector (θ = 0 in Figure 7. R0
has a value of ~10.8 V/W at 25°C.
(13)
The responsivity value of 9 V/W is based on a system with a 110° FOV.
24
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com