Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 23Page - Texas Instruments TMP006B Datasheet HTML 24Page - Texas Instruments TMP006B Datasheet HTML 25Page - Texas Instruments TMP006B Datasheet HTML 26Page - Texas Instruments TMP006B Datasheet HTML 27Page - Texas Instruments TMP006B Datasheet HTML 28Page - Texas Instruments TMP006B Datasheet HTML 29Page - Texas Instruments TMP006B Datasheet HTML 30Page - Texas Instruments TMP006B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Field of View
Target Object
PCB Copper Ground
Empty FR-4 Material
TMP006
IR Sensor
k
SENSOR_PCB
k
TMP006
Electrically
Connected
Thermally
Isolated
k
BOARD
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
11 Layout
11.1 Layout Guidelines
The IR thermopile sensor in the TMP006 and TMP006B is as susceptible to conducted and radiant IR energy
from below the sensor on the PCB as it is to the IR energy from objects in its forward-looking field of view. When
the area of PCB below the TMP006 or TMP006B is at the same temperature as the die or substrate of the
TMP006 or TMP006B, heat is not transferred between the IR sensor and the PCB. However, temperature
changes on a closely-placed target object or other events that lead to changes in system temperature can cause
the PCB temperature and the TMP006 or TMP006B temperature to drift apart from each other. This drift in
temperatures can cause a heat transfer between the IR sensor and the PCB to occur. Because of the small
distance between the PCB and the bottom of the sensor, this heat energy will be conducted (as opposed to
radiated) through the thin layer of air between the IR sensor and the PCB below it. This heat conduction causes
offsets in the IR sensor voltage readings and ultimately leads to temperature calculation errors. To prevent and
minimize these errors, the TMP006 and TMP006B layouts must address critical factors:
Thermally isolate the TMP006 and TMP006B from the rest of the PCB and any heat sources on it. Provide a
stable thermal environment to reduce the noise in the measurement readings
Figure 22 illustrates the concept of thermally isolating the TMP006 and TMP006B from the PCB and external
heat sources such as other components, air currents, and so on.
Figure 22. Principle of TMP006 and TMP006B Thermal Isolation
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com