Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM75B Datasheet HTML 2Page - Texas Instruments LM75B Datasheet HTML 3Page - Texas Instruments LM75B Datasheet HTML 4Page - Texas Instruments LM75B Datasheet HTML 5Page - Texas Instruments LM75B Datasheet HTML 6Page - Texas Instruments LM75B Datasheet HTML 7Page - Texas Instruments LM75B Datasheet HTML 8Page - Texas Instruments LM75B Datasheet HTML 9Page - Texas Instruments LM75B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
Digital DC Characteristics (continued)
Unless otherwise noted, these specifications apply for +VS = 5 Vdc for LM75BIM-5, LM75BIMM-5, LM75CIM-5, and
LM75CIMM-5; and +VS = 3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and LM75CIMM-3
(1). T
A = TJ = 25°C, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
CIN
All Digital Inputs
5
pF
VOH = 5 V, –55°C ≤ TA ≤
LM75B
10
μA
125°C
High Level Output
IOH
Current
VOH = 5 V, –55°C ≤ TA ≤
LM75C
100
μA
125°C
VOL
Low Level Output Voltage
IOL = 3 mA, –55°C ≤ TA ≤
0.4
V
125°C
CL = 400 pF IO = 3 mA,
tOF
Output Fall Time
250
ns
–55°C
≤ TA ≤ 125°C
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com