Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM75B Datasheet HTML 3Page - Texas Instruments LM75B Datasheet HTML 4Page - Texas Instruments LM75B Datasheet HTML 5Page - Texas Instruments LM75B Datasheet HTML 6Page - Texas Instruments LM75B Datasheet HTML 7Page - Texas Instruments LM75B Datasheet HTML 8Page - Texas Instruments LM75B Datasheet HTML 9Page - Texas Instruments LM75B Datasheet HTML 10Page - Texas Instruments LM75B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
6.7 I
2C Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VS = 5 Vdc for LM75BIM-5, LM75BIMM-5, LM75CIM-5, and
LM75CIMM-5; and +VS = 3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and LM75CIMM-3, CL (load capacitance) on
output lines = 80 pF unless otherwise specified. TA = TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)(2) TYP(3)
MAX(1)(2)
UNIT
t1
SCL (Clock) Period, See Figure 1
–55°C
≤ TA ≤ 125°C
2.5
µs
t2
Data in Set-Up Time to SCL High, See Figure 1
–55°C
≤ TA ≤ 125°C
100
ns
t3
Data Out Stable after SCL Low, See Figure 1
–55°C
≤ TA ≤ 125°C
0
ns
t4
SDA Low Set-Up Time to SCL Low (Start Condition),
ns
–55°C
≤ TA ≤ 125°C
100
See Figure 1
t5
SDA High Hold Time after SCL High (Stop Condition),
ns
–55°C
≤ TA ≤ 125°C
100
See Figure 1
LM75B
–55°C
≤ TA ≤ 125°C
75
325
ms
tTIMEOUT
SDA Time Low for Reset of Serial Interface(4)
Not
LM75C
Applicable
(1)
Limits are specified to AOQL (Average Outgoing Quality Level).
(2)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
(3)
Typicals are at TA = 25°C and represent most likely parametric norm.
(4)
Holding the SDA line low for a time greater than tTIMEOUT will cause the LM75B to reset SDA to the IDLE state of the serial bus
communication (SDA set High).
Figure 1. Timing Diagram
Figure 2. Temperature-to-Digital Transfer Function (Non-Linear Scale for Clarity)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com